Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX685 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX685
Description  Dual-Output Positive and Negative, DC-DC Converter for CCD and LCD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX685 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX685 Datasheet HTML 4Page - Maxim Integrated Products MAX685 Datasheet HTML 5Page - Maxim Integrated Products MAX685 Datasheet HTML 6Page - Maxim Integrated Products MAX685 Datasheet HTML 7Page - Maxim Integrated Products MAX685 Datasheet HTML 8Page - Maxim Integrated Products MAX685 Datasheet HTML 9Page - Maxim Integrated Products MAX685 Datasheet HTML 10Page - Maxim Integrated Products MAX685 Datasheet HTML 11Page - Maxim Integrated Products MAX685 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Setting the Output Voltage
The resistor-divider formed by R4 and R3 sets the neg-
ative output voltage; the resistor-divider formed by R1
and R2 sets the positive output voltage. Let R4 be a
value near 100k
Ω to set a resistor-divider current of
approximately 10µA. Determine the value of R3 by the
following:
Let R2 be a value near 100k
Ω to set a resistor-divider
current of approximately 10µA. Determine the value of
R1 with the following formula:
R1 = R2 x (VOUT+ - 1.24V) / 1.24
Damping LX
LXN and LXP may ring at the conclusion of each
switching cycle when the inductor current falls to zero.
Typically the ringing waveform appears only on LX_
and has no effect on output ripple and noise. If LX_
ringing is still objectionable, it may be damped by con-
necting a series RC in parallel with L1. Typically 1k
Ω in
series with 100pF provides good damping with only 3%
efficiency degradation. See Figure 5.
R
R
V
V
OUT
3
4
1 24
.
=
−
Dual-Output (Positive and Negative),
DC-DC Converter for CCD and LCD
_______________________________________________________________________________________
9
Any manufacturer
0.22µF ceramic
capacitor
C2
Any manufacturer
47pF ceramic cap
C5
Any manufacturer
2.2µF ceramic
capacitor
C3, C4
Murata LHQ4N220J04 or
TDK NLC32522T-220K
22µH, 0.4A
inductor
L1
Motorola MBR0520LT1 (0.5A)
or Central Semiconductor
CMPSH-3
0.1A, 20V
Schottky rectifier
D1, D2
REF
Sprague 595D106X0010A2T or
AVX TAJA106K010R
10µF, 10V
tantalum cap
C1
MANUFACTURER
PART NUMBER
DESCRIPTION
Table 1. Component Values for the
Typical Operating Circuit
Figure 5. LXN and LXP Waveforms with a Series-Connected
1k
Ω Resistor and 100pF Capacitor Connected in Parallel with
L1 to Damp Ringing
+15V
+5V
0V
+5V
0V
-7.5V
LXN
LXP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com