Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX685 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX685
Description  Dual-Output Positive and Negative, DC-DC Converter for CCD and LCD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX685 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX685 Datasheet HTML 2Page - Maxim Integrated Products MAX685 Datasheet HTML 3Page - Maxim Integrated Products MAX685 Datasheet HTML 4Page - Maxim Integrated Products MAX685 Datasheet HTML 5Page - Maxim Integrated Products MAX685 Datasheet HTML 6Page - Maxim Integrated Products MAX685 Datasheet HTML 7Page - Maxim Integrated Products MAX685 Datasheet HTML 8Page - Maxim Integrated Products MAX685 Datasheet HTML 9Page - Maxim Integrated Products MAX685 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
_______________Detailed Description
The MAX685 DC-DC converter accepts an input voltage
between +2.7V and +5.5V and generates both a positive
and negative voltage, using a single inductor (Figure 1).
It alternates between acting as a step-up converter and
as an inverting converter on a cycle-by-cycle basis. Both
output voltages are independently regulated.
Each output is separately controlled by a pulse-width-
modulated (PWM) current mode regulator. This allows
the part to operate at a fixed frequency for use in noise-
sensitive applications. An internal oscillator runs at
220kHz or 400kHz, or can be synchronized to an exter-
nal signal. Since switching alternates between the two
regulators, each operates at half the oscillator frequency
(110kHz, 200kHz, or half the sync frequency). The oscil-
lator can be synchronized to a 200kHz to 480kHz clock.
On the first cycle of operation, the part operates as a
step-up converter. LXP connects to VDD, LXN pulls to
ground, and the inductor current rises. Once the induc-
tor current rises to a level set by the positive-side error
amplifier, LXN releases and the inductor current flows
through D2 to the positive output. When the inductor
current drops to zero (which happens each cycle under
normal, discontinuous operation), LXN returns to the
input voltage.
On the second cycle, LXN is held at ground. LXP is
pulled up to the input voltage until the current reaches
the limit set by the negative error amplifier. Then LXP is
released and the inductor current flows through D1 to
the negative output. Once the inductor current reaches
zero, the voltage at LXP returns to ground. The wave-
forms at LXN and LXP are shown in Figure 2 for a typi-
cal pair of cycles.
The current into the LXN pin is sensed to measure the
inductor current. The MAX685 controls the inductor cur-
rent to regulate both the positive and negative output
voltages.
Dual-Output (Positive and Negative),
DC-DC Converter for CCD and LCD
6
_______________________________________________________________________________________
Pin Description
PIN
P-Channel Switching Inductor Node. LXP turns off when the part enters shutdown.
LXP
1
FUNCTION
NAME
Internally Connected. Do not externally connect.
I.C.
2, 15
Open-Drain Power-OK Output. POK is high when both outputs are in regulation. Connect POK to VDD with a
100k
Ω pull-up resistor to VDD.
POK
4
Power Input. Connect to VDD.
VP
3
Shutdown Input. Both outputs go to 0V in shutdown. Connect to VDD for automatic startup.
SHDN
6
Supply Input. Bypass VDD with a 1.0µF or greater ceramic capacitor to GND.
VDD
8
Sync Input. This pin synchronizes the oscillator to an external clock frequency between 200kHz and 480kHz.
Connect SYNC to GND (220kHz) or VDD (400kHz) for internal oscillator frequency.
SYNC
7
Power-Up Sequence Select Input. Connect SEQ to GND to power the negative output voltage first. Connect
SEQ to VDD to power the positive output first.
SEQ
5
Ground
GND
9
1.25V Reference Voltage Output. Bypass with 0.22µF to GND.
REF
11
Power Ground. Connect PGND to GND.
PGND
13, 14
Feedback for the Positive Output Voltage. Connect a resistor-divider between the positive output and GND
with the center to FBP to set the positive output voltage.
FBP
12
Feedback Input for the Negative Output Voltage. Connect a resistor-divider between the negative output
and REF with the center to FBN to set the negative output voltage.
FBN
10
N-Channel Switching Inductor Node. LXN pulls to GND through the internal transistor when the part is shut
down.
LXN
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com