Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX685 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX685
Description  Dual-Output Positive and Negative, DC-DC Converter for CCD and LCD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX685 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX685 Datasheet HTML 1Page - Maxim Integrated Products MAX685 Datasheet HTML 2Page - Maxim Integrated Products MAX685 Datasheet HTML 3Page - Maxim Integrated Products MAX685 Datasheet HTML 4Page - Maxim Integrated Products MAX685 Datasheet HTML 5Page - Maxim Integrated Products MAX685 Datasheet HTML 6Page - Maxim Integrated Products MAX685 Datasheet HTML 7Page - Maxim Integrated Products MAX685 Datasheet HTML 8Page - Maxim Integrated Products MAX685 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Dual-Output (Positive and Negative),
DC-DC Converter for CCD and LCD
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = VP = 5V, TA = 0°C to +85°C unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD, VP to GND........................................................-0.3V to +6V
PGND to GND .......................................................-0.3V to +0.3V
VDD to VP...............................................................-0.3V to +0.3V
LXN, POK to GND ..................................................-0.3V to +30V
LXP to VDD..............................................................-15V to +0.3V
REF, SEQ, SHDN to GND...........................-0.3V to (VDD + 0.3V)
FBP, FBN, SYNC to GND .........................................-0.3V to +6V
Continuous Power Dissipation (TA = +70°C)
16-Pin QSOP (derate 8.3mW/°C above +70°C)............667mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +165°C
Lead Temperature (soldering, 10sec) .............................+300°C
2.7V < VDD < 5.5V
2.7V < VDD < 5.5V
VDD = 5.5V (Note 1)
No load
VDD = VP
No load
C3 = C4 = 10µF, ILOAD = 5mA
IOUT = 0 to 10mA, C1 = 10µF
VDD = rising
VDD = 4.5V to 5.5V
VFBP = 1.35V, VFBN = -0.1V
VDD = 4.5V, VOUT+ ≥ 14.25V, VOUT- ≤ -7.125V,
Figure 3
TA = +25°C
VDD = 4.5V
SYNC = SEQ = SHDN = GND
SYNC = VDD
CONDITIONS
µA
0.1
1
Input Bias Current
V
0.7 x VDD
Logic-High Input
V
0.3 x VDD
Logic-Low Input
µA
±0.01
±0.1
FBP, FBN Input Leakage Current
mV
-16
10
36
FBN Threshold Voltage
V
1.21
1.24
1.27
FBP Threshold Voltage
mV
50
UVLO Hysteresis
V
2.35
2.5
2.65
UVLO Threshold
µA
0.1
10
Shutdown Supply Current
V
-9
-1.27
Negative Output Voltage Range
V
VP
24
V
2.7
5.5
Input Voltage Range
Positive Output Voltage Range
mVp-p
30
Output Voltage Ripple
%/mA
0.13
Load Regulation
%/V
0.2
Line Regulation
µA
300
500
Idle Quiescent Current
mA
10
Output Current
mA
440
LX Current Limit
0.6
2
LXP, LXN On-Resistance
mA
0.8
Quiescent Current
UNITS
MIN
TYP
MAX
PARAMETER
0 < IREF < 50µA
No load
mV
-2
VREF Load Regulation
V
1.23
1.250
1.27
VREF Output Voltage
SHUTDOWN (SHDN)
UNDERVOLTAGE LOCKOUT
REFERENCE VOLTAGE
FB INPUTS
LOGIC INPUTS (SEQ, SHDN, SYNC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com