Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7652CCB Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX7652CCB
Description  Flash Programmable 12-Bit Integrated Data-Acquisition Systems
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7652CCB Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX7652CCB Datasheet HTML 12Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 13Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 14Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 15Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 16Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 17Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 18Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 19Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
Flash Programmable 12-Bit Integrated
Data-Acquisition Systems
16
______________________________________________________________________________________
Pin Description (continued)
PIN
NAME
FUNCTION
P0.5: Bit 5 for General Purpose I/O Port 0
46
P0.5/
AD5
AD5: Bit 5 for Internal Flash Memory Data or external memory I/O
P0.6: Bit 6 for General Purpose I/O Port 0
47
P0.6/
AD6
AD6: Bit 6 for Internal Flash Memory Data or external memory I/O
P0.7: Bit 7 for General Purpose I/O Port 0 (most significant bit)
48
P0.7/
AD7
AD7: Bit 7 for Internal Flash Memory Data or external memory I/O
P1.0: Bit 0 for General Purpose I/O Port 1 (least significant bit)
T2: Timer 2 External Input
T2OUT: Timer 2 External Output
49
P1.0/T2/
T2OUT/
AD0
AD0: Bit 0 for Internal Flash Memory Address
P1.1: Bit 1 for General Purpose I/O Port 1
T2EX: Timer 2 External Capture/Reload Trigger
50
P1.1/
T2EX/
AD1
AD1: Bit 1 for Internal Flash Memory Address
P1.2: Bit 2 for General Purpose I/O Port 1
RXD1: Receive Serial Input for UART 1
51
P1.2/
RXD1/
AD2
AD2: Bit 2 for Internal Flash memory Address
P1.3: Bit 3 for General Purpose I/O Port 1
TXD1: Transmit Serial Input for UART 1
52
P1.3/
TXD1/
AD3
AD3: Bit 3 for Internal Flash Memory Address
P1.4: Bit 4 for General Purpose I/O Port 1
53
P1.4/
AD4
AD4: Bit 4 for Internal Flash Memory Address
P1.5: Bit 5 for General Purpose I/O Port 1
54
P1.5/
AD5
AD5: Bit 5 for Internal Flash Memory Address
P1.6: Bit 6 for General Purpose I/O Port 1
55
P1.6/
AD6
AD6: Bit 6 for Internal Flash Memory Address
P1.7: Bit 7 for General Purpose I/O Port 1
56
P1.7/
AD7
AD7: Bit 7 for Internal Flash Memory Address
EA: Connect to DGND to use external ROM. Connect EA to DVDD for internal flash memory.
57
EA/VPP
VPP: Flash Programming Voltage (external flash programming mode only)
58
RST
Active High Reset. Connected to an internal 130k
Ω pulldown resistor. Connect a 2.2µF (typ) capacitor from
DVDD to RST.
59
XTAL2
Clock Output. Connect a crystal across XTAL1 and XTAL2. The on-chip clock signal is not available at
XTAL2. Leave XTAL2 unconnected when XTAL1 is driven with an external clock.
60
XTAL1
Clock Input. Connect a crystal across XTAL1 and XTAL2. Alternatively, drive XTAL1 with a CMOS-
compatible clock and leave XTAL2 unconnected.
61
DGND
Digital Ground. Connect pins 27, 39, and 61 together.
62
DVDD
Positive Digital Supply Voltage. Bypass with a 0.1µF in parallel with a 10µF low ESR capacitor to DGND.
Connect pins 28, 40 and 62 together.
63
TEST
Test Point. Must be connected to DGND.
64
ACOM
Analog Common Input. Negative differential input relative to AIN_ for single-ended
measurements (see Table 6). Connect to AVDD/2 for maximum input range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com