Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7652CCB Datasheet(PDF) 27 Page - Maxim Integrated Products

Part # MAX7652CCB
Description  Flash Programmable 12-Bit Integrated Data-Acquisition Systems
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7652CCB Datasheet(HTML) 27 Page - Maxim Integrated Products

Back Button MAX7652CCB Datasheet HTML 23Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 24Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 25Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 26Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 27Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 28Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 29Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 30Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 31Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
Flash Programmable 12-Bit Integrated
Data-Acquisition Systems
______________________________________________________________________________________
27
An external oscillator can also be used to clock the
MAX7651/MAX7652 at frequencies between 1 and
12MHz, provided that the duty cycle is between 40%
and 60%. When using an external clock source connect
the clock to XTAL1, with XTAL2 unconnected.
Applications Information
Performing a Conversion
An example of a conversion with the MAX7651/
MAX7652 is as follows:
• Write to the ADCON SFR, setting bit CCIE to 1, and
bits M3–M0 to appropriate values for the desired dif-
ferential or single-ended analog input configuration
(Tables 6 and 7).
• Wait 224 clock cycles to receive Interrupt 3 as an
indication that the A/D conversion is complete.
• Read the conversion data in SFRs ADDAT0 and
ADDAT1 as described in Tables 8 and 9.
Using FLASH Memory
The upper and lower 8kB blocks of internal Flash mem-
ory are each organized as 128 64-byte pages. Read,
write, and page-erase operations cannot be applied to
either block while executing program commands from
the other block.
Note: Standard MOVC operations are supported.
FLASH Memory Special Function Registers
Tables 17 and 18 show the formats for the EEAH and
EEAL SFRs. The EEAH register specifies the applicable
Flash memory block (high or low) and the page address
within that block. The EEAL register specifies the byte
address within the specified page.
Table 19 shows the format for the Flash memory data
(EEDAT) SFR that is used for 8-bit read and write trans-
fers from and to a specified address.
Table 20 shows the format for the Flash memory status
and command (EESTCMD) SFR. Bits RDYHI and
RDYLO are cleared to zero when a read, write, or page-
erase operation is applied to the high or low flash mem-
ory block. These bits are set to one once the flash
NAME
SFR
BIT
DESCRIPTION
WDIF
EICON
3
Watchdog Interrupt Flag. WDIF is set to 1 after completion of the interrupt timeout period (see
Table 14). WDIF must be cleared by software before exiting interrupt service routine. Otherwise
interrupt reoccurs upon exiting. WDIF is automatically cleared by either an external RST
assertion or a WDT-generated reset.
WTRF
WDT
2
Watchdog Reset Flag. The WTRF bit is a status/control bit indicating that the Watchdog counter
has counted an additional 512 clocks past the WDT interrupt and has generated a processor
RESET. The 8051’s “reset” routine should check the WTRF flag to determine the source of the
reset. Additionally, if the WTRF flag has been set the Watchdog Timer counts will be reset when
a zero is written to the WTRF flag. This allows the processor to regain synchronization with the
WDT after a WDT reset has occurred. WTRF is also cleared when a zero is written to it.
EWT
EICON
1
Enable Watchdog Timer. Set to 1 to enable the watchdog timer. An assertion at the external
RST pin automatically clears EWT. If EWT is cleared after being set. The watchdog timer count
will suspend until EWT is set to 1 again.
RWT
EICON
0
Reset Watchdog Timer. Writing a “1" to the RWT bit will reset the watchdog counter ONLY if the
end of the count has been reached (WDIF = 1) and the 512 clock window has not expired
(WTRF = 0). Writing to RWT before the timeout period will not reset the watchdog timer.
WD1
CKCON
7
Watchdog Control Bit 1. Controls the watchdog interrupt timeout (see Table 14).
WD0
CKCON
6
Watchdog Control Bit 0. Controls the watchdog interrupt timeout (see Table 14).
EWDI
EIE
4
Enable Watchdog Interrupt. An interrupt will be generated after the interrupt timeout period
when EWDI = 1. Either a WDT-generated reset or an assertion at the external RST pin
automatically clears EWDI.
Table 17. Watchdog Timer Control and Status Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com