Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7652CCB Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX7652CCB
Description  Flash Programmable 12-Bit Integrated Data-Acquisition Systems
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7652CCB Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX7652CCB Datasheet HTML 1Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 2Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 3Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 4Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 5Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 6Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 7Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 8Page - Maxim Integrated Products MAX7652CCB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
Flash Programmable 12-Bit Integrated
Data-Acquisition Systems
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(MAX7651 AVDD = VPWMV = DVDD = VREF+ = +4.5V to +5.5V, VREF- = 0, fXTAL = 12MHz. MAX7652 AVDD = VPWMV = DVDD = +2.7V
to +3.6V, VREF+ = +2.5V, VREF- = 0, ACOM = AVDD/2, fXTAL = 12MHz. TA = TMIN to TMAX, unless otherwise noted. Typical values are
at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
AVDD, PWMV, DVDD to AGND_ ..............................-0.3V to +6V
AVDD, DVDD to DGND..............................................-0.3V to +6V
AVDD to DVDD .......................................................-0.3V to +0.3V
AGND, PWMG to DGND .......................................-0.3V to +0.3V
Analog Inputs (AIN_, ACOM, XTAL1, XTAL2)
to AGND................................................-0.3V to AVDD_ + 0.3V
Analog Outputs (PWMA, PWMB)
to AGND_..............................................-0.3V to AVDD_ + 0.3V
Digital I/O (A_, AD_, ALE/PROG, EA/VPP, INT0,
INT1, P_._, PSEN, RST) to DGND ..........-0.3V to DVDD + 0.3V
REF+, REF- to AGND_ ..............................-0.3V to AVDD_ + 0.3V
Short-Circuit Duration (PWM_, P_._, ALE/PROG, PSEN)..........1s
Continuous Power Dissipation (TA = +70°C)
64-Pin TQFP (derate 5.00mW/°C above +70°C).........500mW
Operating Temperature Range
MAX765_CCB ....................................................0°C to +70°C
MAX765_ECB .................................................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY
Resolution
RES
12
bits
MAX7651
±1.5
Differential
MAX7652
±1.0
MAX7651
±4.0
Relative Accuracy (Note 1)
INL
Single-ended
MAX7652
±1.5
LSB
Differential
±0.5
±1
Differential Nonlinearity
(Note2)
DNL
Single-ended
±0.5
±1
LSB
Offset Error (Note 2)
±2.3
±7
LSB
Offset Temperature
Coefficient
±0.25
LSB/
°C
Gain Error (Note 2)
3%
Gain Temperature
Coefficient
±3
ppm/
°C
Channel-to-Channel
Matching (Note 2)
Offset and gain
±0.25
LSB
DYNAMIC SPECIFICATIONS (53ksps, 1kHz SINE-WAVE INPUT, 5Vp-p (MAX7651), 2.5Vp-p (MAX7652))
Differential
71
Signal-to-Noise +
Distortion
SINAD
Single-ended
67
dB
Differential
-78
Total Harmonic Distortion
THD
All unaliased harmonics
Single-ended
-73
dB
Differential
81
Spurious-Free Dynamic
Range
SFDR
Single-ended
79
dB
Channel-to-Channel
Crosstalk
(Note 3)
-85
dB
Small-Signal Bandwidth
-3dB rolloff
1
MHz
Full-Power Bandwidth
1
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com