Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX148 Datasheet(PDF) 43 Page - CML Microcircuits

Part # CMX148
Description  Programmable Voice Scrambler
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX148 Datasheet(HTML) 43 Page - CML Microcircuits

Back Button CMX148 Datasheet HTML 39Page - CML Microcircuits CMX148 Datasheet HTML 40Page - CML Microcircuits CMX148 Datasheet HTML 41Page - CML Microcircuits CMX148 Datasheet HTML 42Page - CML Microcircuits CMX148 Datasheet HTML 43Page - CML Microcircuits CMX148 Datasheet HTML 44Page - CML Microcircuits CMX148 Datasheet HTML 45Page - CML Microcircuits CMX148 Datasheet HTML 46Page - CML Microcircuits CMX148 Datasheet HTML 47Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 75 page
background image
PMR Audio and Data Processor
CMX148
© 2010 CML Microsystems Plc
43
D/148/6
8.1.11.
Analogue Output Gain - $B0 write
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Inv_1
MOD1
Attenuation
Inv_2
MOD2
Attenuation
Ramp
Up/Dn
0
0
0
Audio Output
Attenuation
This register provides attenuation of the MOD1, MOD2 and AUDIO output signals, but no gain. Likewise,
the fine gain adjustment (P4.2-3) only provides signal attenuation. If the signal output is too small, then
the input gain stages (register $B1) will need to be adjusted.
b15
MOD1 output polarity
0 = true
1 = inverted
b11
MOD2 output polarity
0 = true
1 = inverted
Used when interfacing with RF circuitry or when generating an inverted turn-off code for
CTCSS. Any change will take place immediately (within the C-BUS latency period) after these
bits are changed.
b14
b13
b12
MOD1 Output Attenuation
b10
b9
b8
MOD2 Output Attenuation
0
0
0
>40dB (default)
0
0
1
12dB
0
1
0
10dB
0
1
1
8dB
1
0
0
6dB
1
0
1
4dB
1
1
0
2dB
1
1
1
0dB
b7
Ramp Up/Down enable
0 = off
1 = on
When bit 7 is set to 1 the MOD output signals are ramped to reduce transients in the
transmitted signal. The ramp up/down time is set in the ‘Ramp Rate Control’ section of the
Program Block (P4.6).
Bits 6 to 4 are reserved - set to 0.
b3
b2
b1
b0
Audio Output Attenuation
0
0
0
0
>60dB (default)
0
0
0
1
44.8dB
0
0
1
0
41.6dB
0
0
1
1
38.4dB
0
1
0
0
35.2dB
0
1
0
1
32.0dB
0
1
1
0
28.8dB
0
1
1
1
25.6dB
1
0
0
0
22.4dB
1
0
0
1
19.2dB
1
0
1
0
16.0dB
1
0
1
1
12.8dB
1
1
0
0
9.6dB
1
1
0
1
6.4dB
1
1
1
0
3.2dB
1
1
1
1
0dB
Note that fine control of Output1 and Output2 levels can be achieved with the FINE OUTPUT GAIN 1 and
FINE OUTPUT GAIN 2 registers (P4.2-3). These affect the MOD1, MOD2 and AUDIO outputs according
to the routing set in registers $A7 and $B1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com