Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX148 Datasheet(PDF) 21 Page - CML Microcircuits

Part # CMX148
Description  Programmable Voice Scrambler
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX148 Datasheet(HTML) 21 Page - CML Microcircuits

Back Button CMX148 Datasheet HTML 17Page - CML Microcircuits CMX148 Datasheet HTML 18Page - CML Microcircuits CMX148 Datasheet HTML 19Page - CML Microcircuits CMX148 Datasheet HTML 20Page - CML Microcircuits CMX148 Datasheet HTML 21Page - CML Microcircuits CMX148 Datasheet HTML 22Page - CML Microcircuits CMX148 Datasheet HTML 23Page - CML Microcircuits CMX148 Datasheet HTML 24Page - CML Microcircuits CMX148 Datasheet HTML 25Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 75 page
background image
PMR Audio and Data Processor
CMX148
© 2010 CML Microsystems Plc
21
D/148/6
AF Response - TX Mode
25kHz Channel Filter & 300Hz HPF
Soft Limiter
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
10
100
1000
10000
100000
Frequency (Hz)
25kHz & HPF Enabled (C2H=0C00H)
25kHz ch Template (ETSI)
No Filters (C2H=0000H)
300Hz HPF (C2H=0400H)
-14 dB/octave
(-50 dB)
40kHz
Ref. 0dBV
RBW 10Hz
VBW 30Hz
Sweep Time: 160 secs
C1H 4002H
3kHz
+1dB/-3dB WRT ref.
6kHz
Figure 10 Tx Channel Audio Filter Response and Template (ETSI)
AF Response - TX Mode
12.5kHz Channel Filter & 300Hz HPF
Soft Limiter
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
10
100
1000
10000
100000
Frequency (Hz)
12.5kHz & HPF Enabled (C2H=1400H)
25kHz ch Template (TIA/EIA)
12.5kHz ch Template (TIA/EIA)
No Filters (C2H=0000H)
12.5kHz only (C2H=1000H)
-60 dB/decade
(-50 dB)
20kHz
-100 dB/decade
(-82.5 dB)
Ref. 0dBV
RBW 10Hz
VBW 30Hz
Sweep Time: 160 secs
C1H 4002H
3kHz
+1dB/-3dB WRT ref.
Figure 11 Tx Channel Audio Filter Response and Template (TIA)
The characteristics of the 12.5kHz channel filter fit the template shown in Figure 10 and Figure 11. This
filter also facilitates implementation of systems compliant with TIA/EIA-603 ‘A’ , ‘B’ and ‘C’ bands .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com