Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX148 Datasheet(PDF) 17 Page - CML Microcircuits

Part # CMX148
Description  Programmable Voice Scrambler
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX148 Datasheet(HTML) 17 Page - CML Microcircuits

Back Button CMX148 Datasheet HTML 13Page - CML Microcircuits CMX148 Datasheet HTML 14Page - CML Microcircuits CMX148 Datasheet HTML 15Page - CML Microcircuits CMX148 Datasheet HTML 16Page - CML Microcircuits CMX148 Datasheet HTML 17Page - CML Microcircuits CMX148 Datasheet HTML 18Page - CML Microcircuits CMX148 Datasheet HTML 19Page - CML Microcircuits CMX148 Datasheet HTML 20Page - CML Microcircuits CMX148 Datasheet HTML 21Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 75 page
background image
PMR Audio and Data Processor
CMX148
© 2010 CML Microsystems Plc
17
D/148/6
7.5.
Audio Functions
The audio signal can be processed in several ways, depending on the implementation required, by
selecting the relevant bits in the Audio Control – $C2 write register. In both Rx and Tx modes, a
selectable channel filter to suit either the 12.5kHz or 25kHz TIA/ETSI channel mask can be selected. This
filter also incorporates a soft limiter to reduce the effects of over-modulation. Other features include
300Hz HPF, pre- and de-emphasis, companding and frequency inversion scrambling, all of which may be
individually enabled1. The order in which these features are executed is selectable to ensure compatibility
with existing implementations and provide optimal performance (see section 8.2.5). The alternate settings
shown in section 8.2.5 may provide better performance than the default configuration
7.5.1.
Audio Receive Mode
The CMX148 operates in half-duplex, so whilst in receive mode the transmit path (MIC input and MOD1/2
amplifiers) can be disabled and powered down if required. The AUDIO output signal level is equalised (to
VBIAS) before switching between the audio port and the modulator ports, to minimise unwanted audible
transients. The Off/Powersave level at MOD1/2 outputs is the same as the VBIAS pin, so the audio output
level must also be at this level before switching.
See:
o
Audio Control – $C2 write
Receiving Audio Band Signals
When a voice-based signal is being received, it is up to the host µC, in response to signal status
information provided by the CMX148, to control muting/enabling of the audio signal to the AUDIO output.
The discriminator path through the device has a programmable gain stage. Whilst in receive mode this
should normally be set to 0dB (the default) gain.
Receive Filtering
The incoming signal is filtered, as shown in Figure 7 (with the 300Hz HPF also active), to remove sub-
audio components and to minimise high frequency noise. When appropriate, the audio signal can then be
routed to the AUDIO output. Separate selectable filters are available for:
•
300Hz High Pass (to reject sub-audible signalling)
•
2.55kHz Low Pass (for 12.5kHz channel operation)
•
3.0kHz Low Pass (for 25kHz channel operation)
Note that with no filters selected, the low frequency response extends to below 5Hz at the low end but still
rolls off above 3.3kHz at the top end.
The cut-off point of the 300Hz HPF can be set to either 280Hz, 300Hz or 320Hz by setting the relevant
bits of Program Block P2.5, as shown in Figure 6.
1 The typical responses shown in Figure 7, Figure 10, Figure 11 were recorded using the EV1480 Evkit,
DISC to AUDIO and MOD1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com