Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX983 Datasheet(PDF) 43 Page - CML Microcircuits

Part # CMX983
Description  Programmable Channel Filter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX983 Datasheet(HTML) 43 Page - CML Microcircuits

Back Button CMX983 Datasheet HTML 39Page - CML Microcircuits CMX983 Datasheet HTML 40Page - CML Microcircuits CMX983 Datasheet HTML 41Page - CML Microcircuits CMX983 Datasheet HTML 42Page - CML Microcircuits CMX983 Datasheet HTML 43Page - CML Microcircuits CMX983 Datasheet HTML 44Page - CML Microcircuits CMX983 Datasheet HTML 45Page - CML Microcircuits CMX983 Datasheet HTML 46Page - CML Microcircuits CMX983 Datasheet HTML 47Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 93 page
background image
Analogue Front End (AFE) for Digital Radio
CMX983
 2015 CML Microsystems Plc
43
D/983/6
after each 16-bit coefficient value is written, so if the coefficients are written in an ascending
sequence the pointer only needs to be initialised once before each coefficient RAM is loaded.
TX_STATUS - $39: 8-bit Read
Reset value = $11
Bit:
7
6
5
4
3
2
1
0
0
Ch. B
bitsel
over-
flow
Ch. B
buffer
under-
run
Ch. B
idle
0
Ch. A
bitsel
over-
flow
Ch. A
buffer
under-
run
Ch. A
idle
TX_STATUS b7: Reserved, set to 0
TX_STATUS b6: Channel B bit selector overflow
This bit gets set to 1 when the channel B bit selector output value saturates to maximum positive
($7FFF) or maximum negative ($8000). This bit gets cleared only when TX_STATUS is read.
TX_STATUS b5: Channel B buffer underrun
This bit gets set to 1 whenever Tx channel B runs out of data from the serial port, for instance if the
Tx serial port gets disabled or is configured to run too slowly. When this happens, the Tx channel will
retransmit the previous data sample. The buffer underrun bit gets cleared only when TX_STATUS is
read.
TX_STATUS b4: Channel B idle
This bit is a level sensitive signal that is set to 1 whenever channel B is in the idle state.
TX_STATUS b3: Reserved, set to 0
TX_STATUS b2-0: (Channel A status bits)
Similar in operation to bits 6-4.
TX_ST_ENAB - $3A: 8-bit Write
Reset value = $00
Bit:
7
6
5
4
3
2
1
0
0
Tx status enable
(channel B)
0
Tx status enable
(channel A)
TX_ST_ENAB b7, b3: Reserved, set to 0
TX_ST_ENAB b6-4, b2-0: Tx status enable
If any of these bits is high while the corresponding bit in the TX_STATUS register is also high, then
the Tx status bit (in STATUS register bit 0) gets set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com