Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX983 Datasheet(PDF) 17 Page - CML Microcircuits

Part # CMX983
Description  Programmable Channel Filter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX983 Datasheet(HTML) 17 Page - CML Microcircuits

Back Button CMX983 Datasheet HTML 13Page - CML Microcircuits CMX983 Datasheet HTML 14Page - CML Microcircuits CMX983 Datasheet HTML 15Page - CML Microcircuits CMX983 Datasheet HTML 16Page - CML Microcircuits CMX983 Datasheet HTML 17Page - CML Microcircuits CMX983 Datasheet HTML 18Page - CML Microcircuits CMX983 Datasheet HTML 19Page - CML Microcircuits CMX983 Datasheet HTML 20Page - CML Microcircuits CMX983 Datasheet HTML 21Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 93 page
background image
Analogue Front End (AFE) for Digital Radio
CMX983
 2015 CML Microsystems Plc
17
D/983/6
To maximise data bandwidth across the C-BUS interface, some read and write registers are capable of data-
streaming operation. This allows a single address byte to be followed by the transfer of multiple read or write
data words, all within the same C-BUS transaction. This can significantly increase the transfer rate of large
data blocks, as shown in Figure 8.
Example of C-BUS data-streaming (8-bit write register)
CSN
SCLK
CDATA
7 6 5 4 3 2 1 0 7 6 5 4 3 2 1 0 7 6 5 4 3 2 1 0
7 6 5 4 3 2 1 0
Address
First byte
Second byte
…
Last byte
RDATA Hi-Z
Example of C-BUS data-streaming (8-bit read register)
CSN
SCLK
CDATA
7 6 5 4 3 2 1 0
Address
RDATA Hi-Z
7 6 5 4 3 2 1 0 7 6 5 4 3 2 1 0
7 6 5 4 3 2 1 0
First byte
Second byte
…
Last byte
Figure 8 C-BUS Data-streaming Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com