Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX983 Datasheet(PDF) 21 Page - CML Microcircuits

Part # CMX983
Description  Programmable Channel Filter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX983 Datasheet(HTML) 21 Page - CML Microcircuits

Back Button CMX983 Datasheet HTML 17Page - CML Microcircuits CMX983 Datasheet HTML 18Page - CML Microcircuits CMX983 Datasheet HTML 19Page - CML Microcircuits CMX983 Datasheet HTML 20Page - CML Microcircuits CMX983 Datasheet HTML 21Page - CML Microcircuits CMX983 Datasheet HTML 22Page - CML Microcircuits CMX983 Datasheet HTML 23Page - CML Microcircuits CMX983 Datasheet HTML 24Page - CML Microcircuits CMX983 Datasheet HTML 25Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 93 page
background image
Analogue Front End (AFE) for Digital Radio
CMX983
 2015 CML Microsystems Plc
21
D/983/6
STATUS b4: Analogue comparator status
This bit gets set to 1 if any of the bits in the AUXCMP_STAT register are set to 1 (indicating that an
analogue comparator input has crossed its threshold) as long as the associated bit in the
AUXCMP_ST_EN register is also set to 1. This status bit can be cleared either by reading the
AUXCMP_STAT register or by clearing the associated enable bit(s) in the AUXCMP_ST_EN register.
STATUS b3: PLL2 lock status
This bit indicates the PLL2 lock status. It can only be cleared by clearing PLL2_STATUS bits 1-0 (see
section 12 for details).
STATUS b2: PLL1 lock status
This bit indicates the PLL1 lock status It can only be cleared by clearing PLL1_STATUS bits 1-0 (see
section 12 for details).
STATUS b1: Rx channel status
This bit gets set to 1 if any of the bits in the RX_STATUS register are set to 1 and the associated bit
in the RX_ST_EN register is also set to 1. For details about clearing this bit, see section 9.2.
STATUS b0: Tx channel status
This bit gets set to 1 if any of the bits in the TX_STATUS register are set to 1 and the associated bit in
the TX_ST_EN register is also set to 1. For details about clearing this bit, see section 10.
INT_ENAB - $09: 8-bit Write
Reset value = $80
Bit:
7
6
5
4
3
2
1
0
Interrupt enable
INT_ENAB b7-0: Interrupt enable
Setting any of these bits to 1 enables the corresponding bit in the STATUS register to generate an
interrupt. This will cause the active-low open-drain IRQN pin to pull down. After a reset, bit 7 of this
register will be high which allows a “startup done” interrupt to be generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com