Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3H Datasheet(PDF) 4 Page - International Rectifier

Part # M3H
Description  28V Input, Single/Dual Output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

M3H Datasheet(HTML) 4 Page - International Rectifier

  M3H Datasheet HTML 1Page - International Rectifier M3H Datasheet HTML 2Page - International Rectifier M3H Datasheet HTML 3Page - International Rectifier M3H Datasheet HTML 4Page - International Rectifier M3H Datasheet HTML 5Page - International Rectifier M3H Datasheet HTML 6Page - International Rectifier M3H Datasheet HTML 7Page - International Rectifier M3H Datasheet HTML 8Page - International Rectifier M3H Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
www.irf.com
M3H-SERIES
Electrical Performance Characteristics ( continued )
For Notes to Specifications, refer to page 5
Limits
Parameter
Group A
Subgrou
p
Conditions
-55
°C ≤ TC ≤ +85°C
VIN = 28V DC ± 5%, CL = 0
unless otherwise specified
Min
Nom
Max
Unit
Output Ripple ( Vrip)
M3H2803R3S
M3H2805S
M3H2805R2S
M3H2812S
M3H2815S
M3H2805D
M3H2812D
M3H2815D
1,2,3
VIN = 18, 28, 40 Volts
IOUT = 100% rated load
Notes 4, 6
35
50
50
70
80
80
80
80
mV p-p
Input current, no load ( IIN )
M3H2803R3S
M3H2805S
125
M3H2805R2S
M3H2812S
M3H2815S
M3H2805D
M3H2812D
M3H2815D
1,2,3
IOUT = 0, Pin 4 open
60
70
70
70
70
70
100
100
mA
Input current inhibited
1,2,3
Pin 4 shorted to pin 2
8.0
mA
Switching frequency ( FS )
1,2,3
450
500
550
KHz
Efficiency ( EFF )
M3H2803R3S
M3H2805S
M3H2805R2S
M3H2812S
M3H2815S
M3H2805D
M3H2812D
M3H2815D
1,2,3
IOUT = 100% rated load
Note 4
68
76
77
78
78
77
78
78
73
80
80
81
82
80
81
82
%
Enable Input ( Inhibit Function )
open circuit voltage
drive current ( sink )
voltage range
1,2,3
Note 1
9.5
-0.5
11.5
500
50
V
µA
V
Current Limit Point
Expressed as a percentage
of full rated load current
1,2,3
Vout = 90% of Nominal, Note 4
105
130
%
Power dissipation, load fault (PD)
M3H2815D
All others
1,2,3
Short Circuit, Overload, Note 8
22
18
W
Output response to
step load changes (VTLD)
4,5,6
Half Load to/from Full Load, Notes 4,9
-300
300
mV pk
Recovery time,
step load changes (TTLD)
4,5,6
Half Load to/from Full Load, Note
4,9,10
200
µs
Output response to
step line changes (VTLN)
4,5,6
18V to/from 40V
IOUT = 100% rated load, Notes 1,4,11
-300
300
mV pk
Recovery time,
step line changes (TTLN)
4,5,6
18V to/from 40V
IOUT = 100% rated load, Notes 1,4,10,11
200
µs
Turn-on Response
Overshoot (VOS)
Turn-on Delay (TDLY)
4,5,6
No Load, Full Load for Dual
Notes 4,12
2.0
10
10
%
ms
Overshoot (VOS)
Turn-on Delay (TDLY)
4,5,6
20 % Load, Full Load for Single
Notes 4,12
2.0
10
10
%
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com