Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3H Datasheet(PDF) 5 Page - International Rectifier

Part # M3H
Description  28V Input, Single/Dual Output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

M3H Datasheet(HTML) 5 Page - International Rectifier

  M3H Datasheet HTML 1Page - International Rectifier M3H Datasheet HTML 2Page - International Rectifier M3H Datasheet HTML 3Page - International Rectifier M3H Datasheet HTML 4Page - International Rectifier M3H Datasheet HTML 5Page - International Rectifier M3H Datasheet HTML 6Page - International Rectifier M3H Datasheet HTML 7Page - International Rectifier M3H Datasheet HTML 8Page - International Rectifier M3H Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
www.irf.com
5
M3H-SERIES
Electrical Performance Characteristics ( continued )
Notes.
Electrical Performance Characteristics
1)
Parameter is tested as part of design characterization or after design changes. Thereafter, parameter shall be guaranteed to the
limits specified.
2)
Parameter verified during line and load regulation tests.
3)
Output load current must be distributed such that at least 20% of the total load current is being provided by one of the outputs.
4)
Load current split equally between outputs on dual output models.
5)
Cross regulation is measured with 20% rated load on output under test while changing the load on the other output from 20% to 80%
of rated.
6)
Guaranteed for a D.C. to 20MHz bandwidth. Tested using a 20KHz to 10MHz bandwidth using the circuit shown below.
7)
Capacitive load may be any value from 0 to the maximum limit without compromising dc performance. A capacitive load in excess
of the maximum limit may interfere with the proper operation of the converter’s overload protection, causing erratic behavior during
turn-on.
8)
Overload power dissipation is defined as the device power dissipation with the load set such that V
OUT = 90% of nominal.
9)
Load step transition time
≤ 10 µs.
10)
Recovery time is measured from the initiation of the transient to where V
OUT has returned to within ±1% of
its steady state value.
11)
Line step transition time
≤ 100 µs.
12)
Turn-on delay time from either a step application of input power or a logic low to a logic high transition on the inhibit pin (pin 4) to
the point where V
OUT = 90% of nominal.
13)
For operation at temperatures between +85°C and +125°C, derate the maximum output power linearly from 100% to 75%.
Limits
Parameter
Group A
Subgroup
Conditions
-55
°C ≤ TC ≤ +85°C
VIN = 28V DC
± 5%, CL =0
Unless otherwise specified
Min
Nom
Max
Unit
Capacitive Load (CL)
M3H2803R3S
M3H2805S
M3H2005R2S
M3H2812S
M3H2815S
M3H2805D
M3H2812D
M3H2815D
1
IOUT = 100% rated load
No effect on DC performance
Notes 1, 4, 7
Each output on duals
2200
1000
1000
180
120
500
90
60
µF
Line Rejection
1
IOUT = 100% rated load
DC to 50KHz, Notes 1, 4
40
50
dB
Isolation
1
Input to Output or Any Pin to Case
except pin 3, test @ 500VDC
100
M
Ω
Device Weight
125
g
MTBF
MIL-HDBK-217F2, SF, 35
°C
1.5 x 10
6
Hr



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com