Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3H Datasheet(PDF) 6 Page - International Rectifier

Part # M3H
Description  28V Input, Single/Dual Output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

M3H Datasheet(HTML) 6 Page - International Rectifier

Back Button M3H Datasheet HTML 2Page - International Rectifier M3H Datasheet HTML 3Page - International Rectifier M3H Datasheet HTML 4Page - International Rectifier M3H Datasheet HTML 5Page - International Rectifier M3H Datasheet HTML 6Page - International Rectifier M3H Datasheet HTML 7Page - International Rectifier M3H Datasheet HTML 8Page - International Rectifier M3H Datasheet HTML 9Page - International Rectifier M3H Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
www.irf.com
M3H-SERIES
Radiation Performance Characteristics
Test
Conditions
Min
Typ
Highest
Level
Tested
Unit
Total Ionizing Dose ( Gamma )
MIL-STD-883, Method 1019
Operating bias applied during exposure,
Full Rated Load, V
IN = 28V
25
40
60
Krads
(Si)
Single Event Effects
SEU, SEL, SEGR, SEB
Heavy ions (LET)
Operating bias applied during exposure,
Full Rated Load, V
IN = 28V
37
82
82
MeV
•cm2
/mg
Dose Rate ( Gamma Dot )
Temporary Saturation
Survival
MIL-STD-883, Method 1023
Operating bias applied during exposure,
Full Rated Load, V
IN = 28V
1E8
1E10
1.5E9
Rads
(Si)/sec
Neutron Fluence
MIL-STD-883, Method 1017
3E12
8E12
Neutrons
/cm
2
Proton Fluence
E > 10MeV
TBD
N/A
protons
/cm
2
Full
Rated
Load
OUTPUT
RETURN
DUT
50 ohm
Back
Term.
0.1 uF
50 ohm Coax.
50 ohm
Term.
1 uF
Oscilloscope or Equivalent
with 10 MHz Bandwidth.
Multiply readings by 2.
Note : Specification guaranteed
to 20MHz Bandwidth.
Circuit for Measuring Output Ripple Voltage
International Rectifier currently does not have a DSCC certified Radiation Hardness Assurance Program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com