Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX019 Datasheet(PDF) 3 Page - CML Microcircuits

Part # FX019
Description  Output Mute Function
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX019 Datasheet(HTML) 3 Page - CML Microcircuits

  FX019 Datasheet HTML 1Page - CML Microcircuits FX019 Datasheet HTML 2Page - CML Microcircuits FX019 Datasheet HTML 3Page - CML Microcircuits FX019 Datasheet HTML 4Page - CML Microcircuits FX019 Datasheet HTML 5Page - CML Microcircuits FX019 Datasheet HTML 6Page - CML Microcircuits FX019 Datasheet HTML 7Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Fig.3 SINAD vs Input Level – Typical Values
Application Notes
INPUT LEVEL dB
SINAD (dB)
30
40
50
60
-40
-30
-20
-10
0
10.0
25.0
75.0
250.0
775.0
1000.0
1730.0
-17
110.0
mVrms
7.0
Input Frequency = 1.0kHz
Input Level 0dB ref = 775mVrms
Ch1 2, 3 or 4 Gain Set to 0dB
V
DD
V
DD
V
SS
C 6
C 1
C 2
C 3
C 4
C 5
V
SS
V
BIAS
V
SS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
FX019
SERIAL CLOCK INPUT
CONTROL DATA INPUT
CHIP SELECT
CHANNEL 1 OUTPUT
CHANNEL 2 OUTPUT
CHANNEL 3 OUTPUT
CHANNEL 4 OUTPUT
CHANNEL 1 INPUT
CHANNEL 2 INPUT
CHANNEL 3 INPUT
CHANNEL 4 INPUT
LOAD/LATCH
LOAD/LATCH
Application Recommendations
(f)
Analogue tracks should not run parallel to digital
tracks.
(g)
A "Ground Plane" connected to V
SS will assist
in
eliminating external pick-up on the channel input and
output pins.
(h)
Do not run high-level output tracks close to low-
level input tracks.
(i) Input signal amplitudes should be applied with due
regard to Figure 3.
(a)
A noisy or badly regulated power supply can
cause instability and/or variance of selected gains.
(b)
Care should be taken on the design and layout of
the printed circuit board.
(c)
All external components (Figure 2) should be
kept close to the FX019 package.
(d)
Inputs and outputs should be screened wherever
possible.
(e)
Tracks should be kept short.
To avoid excess noise and instability in the final installation it is recommended that the following points be noted.
Notes
(1) Channel Amplifiers 1 to 4 are inverting amplifiers.
(2) Analogue input capacitors C
1 to C4 are only required for a.c.
input signals, d.c. input signals do not require these components.
Component
Value
C
1 to C4
0.1µF
C
5
1.0µF
C
6
1.0µF
Tolerances: C = ± 20%
Fig.2 External Component Connections



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com