Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX019 Datasheet(PDF) 1 Page - CML Microcircuits

Part # FX019
Description  Output Mute Function
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX019 Datasheet(HTML) 1 Page - CML Microcircuits

  FX019 Datasheet HTML 1Page - CML Microcircuits FX019 Datasheet HTML 2Page - CML Microcircuits FX019 Datasheet HTML 3Page - CML Microcircuits FX019 Datasheet HTML 4Page - CML Microcircuits FX019 Datasheet HTML 5Page - CML Microcircuits FX019 Datasheet HTML 6Page - CML Microcircuits FX019 Datasheet HTML 7Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Features
4 Digitally Controlled Amplifiers
15 Gain/Attenuation Steps
3 Amplifiers, with a ± 3dB Range
in 0.43dB Steps
1 'Volume' Amplifier, with a
± 14dB Range in 2dB Steps
FX019
Brief Description
This product replaces the need for manual trimming
of audible signals by using the host microprocessor to
digitally control the set-up of all audio levels during
development, production/calibration and operation.
Applications include:
(i) Control, adjustment and set-up of communications
equipment by an Intelligent ATE without manual
intervention – eg. Deviation, Microphone and L/S
Levels, Rx Audio Level etc.
(ii) Automatic Dynamic Compensation of drift caused
by variations in temperature, linearity, etc.
(iii)Fully automated servicing and re-alignment.
The FX019 is a low-power, single 5-volt CMOS
device available in plastic DIL and Small Outline
(S.O.I.C.) SMD package versions.
Publication D/019/4 December 1995
8-Bit Serial Data Control
Output Mute Function
Audio and Data Gain Control
Applications
Telecoms, Radio and Industrial
Applications
CML Semiconductor Products
FX019
2
3
3
3
4
4
SERIAL DATA
INPUT
LOAD/LATCH
LOAD/LATCH
CHIP SELECT
1
1
2
2
Ch1
Ch2
Ch4
Ch3
V
DD
V
BIAS
SERIAL CLOCK
INPUT
VSS
8-BIT SERIAL DATA INPUT
AND
LINE DECODERS
CONTROLLED AUDIO OUTPUT LINES
VOLUME
Digitally Controlled
Quad Amplifier Array
PRODUCT INFORMATION
The FX019 Digitally Adjustable Amplifier Array is
available to replace trimmer potentiometers and
volume controls in Cellular, PMR, Telephony and
Communications applications where d.c., voice or
data signals need adjustment.
The FX019 is a single-chip LSI consisting of four
digitally controlled amplifier stages, each with 15
distinct gain/attenuation steps. Control of each
individual amplifier is by an 8-bit serial data stream.
Three of the amplifier stages offer a +/-3dB range in
steps of 0.43dB, whilst the remaining amplifier offers a
+/-14dB range in steps of 2dB, and is suggested for
volume control applications. Each amplifier includes a
16th 'Off' state which when applied, mutes the output
audio from that channel. This array uses a Chip
Select input to select one of two FX019s in a system.
Fig.1 Functional Block Diagram


Similar Part No. - FX019

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
FX011 TI1-FX011 Datasheet
1Mb / 31P
Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
FX011Z TI1-FX011Z Datasheet
1Mb / 31P
Dual Synchronous, Step-Down Controller
FX011Z TI1-FX011Z Datasheet
1Mb / 31P
Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
FX012 TI1-FX012 Datasheet
1Mb / 21P
3.1V to 5.5V Input 3-A Output Synchronous Step-Down Regulator
logo
List of Unclassifed Man...
FX013 ETC-FX013 Datasheet
225Kb / 6P
HSC TONE DECODER FOR PAGERS
More results

Similar Description - FX019

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5294P MITSUBISHI-M5294P Datasheet
235Kb / 7P
SYSTEM RESET IC WITH LOW INPUT-OUTPUT VOLTAGE DIFFERENTIAL TYPE -5V REGURATOR,AND 3.0V REGULATOR FOR MUTE FUNCTION
logo
New Japan Radio
NJM2174 NJRC-NJM2174 Datasheet
96Kb / 3P
AUDIO LINE AMPLIFIER with MUTE FUNCTION
NJM2790 NJRC-NJM2790 Datasheet
37Kb / 3P
AUDIO LINE AMPLIFIER with MUTE FUNCTION
logo
Rohm
BA4915-V11 ROHM-BA4915-V11 Datasheet
270Kb / 6P
System Power Supply with MUTE Function
logo
Renesas Technology Corp
M5294P RENESAS-M5294P Datasheet
2Mb / 8P
SYSTEM RESET IC WITH LOW INPUT-OUTPUT VOLTAGE DIFFERNTIAL TYPE 5V REGURATOR, AND 3.0V REGULATOR FOR MUTE FUNCTION
logo
CML Microcircuits
MX019 CMLMICRO-MX019 Datasheet
184Kb / 13P
Output Mute Function
logo
Texas Instruments
TLV320AIC1109 TI1-TLV320AIC1109_14 Datasheet
371Kb / 28P
Earphone Mute and Microphone Mute
logo
AVAGO TECHNOLOGIES LIMI...
ACCL-9410 AVAGO-ACCL-9410 Datasheet
499Kb / 9P
Output enable function
logo
New Japan Radio
NJM2174V-TE2 NJRC-NJM2174V-TE2 Datasheet
40Kb / 5P
AUDIO LINE AMPLIFIER with MUTE FUNCTION
logo
Schneider Electric
XPSLCMUT1160 SCHNEIDER-XPSLCMUT1160 Datasheet
104Kb / 2P
Module XPSLC - Monitoring mute function safety light curtain - type2, type4
Jan 19, 2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com