Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX019 Datasheet(PDF) 6 Page - CML Microcircuits

Part # FX019
Description  Output Mute Function
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX019 Datasheet(HTML) 6 Page - CML Microcircuits

  FX019 Datasheet HTML 1Page - CML Microcircuits FX019 Datasheet HTML 2Page - CML Microcircuits FX019 Datasheet HTML 3Page - CML Microcircuits FX019 Datasheet HTML 4Page - CML Microcircuits FX019 Datasheet HTML 5Page - CML Microcircuits FX019 Datasheet HTML 6Page - CML Microcircuits FX019 Datasheet HTML 7Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
Handling Precautions
The FX019 is a CMOS LSI circuit which includes input
protection. However precautions should be taken to
prevent static discharges which may cause damage.
CML does not assume any responsibility for the use of any circuitry described. No circuit patent licences are implied
and CML reserves the right at any time without notice to change the said circuitry.
Ordering Information
FX019DW
16-pin plastic S.O.I.C.
(D4)
FX019P
16-pin plastic DIL
(P3)
Package Outlines
The FX019 is available in the package styles outlined
below. Mechanical package diagrams and specifications
are detailed in Section 10 of this document.
Pin 1 identification marking is shown on the relevant
diagram and pins on all package styles number
anti-clockwise when viewed from the top.
NOT TO SCALE
Max. Body Length
19.24mm
Max. Body Width
6.41mm
Stand-Off
0.51mm
NOT TO SCALE
Max. Body Length
10.31mm
Max. Body Width
7.59mm
Stand-Off
0.20mm
FX019DW 16-pin plastic S.O.I.C.
(D4)
FX019P
16-pin plastic DIL
(P3)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com