Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVT322PBF Datasheet(PDF) 2 Page - International Rectifier

Part # PVT322PBF
Description  Bounce-free operation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVT322PBF Datasheet(HTML) 2 Page - International Rectifier

  PVT322PBF Datasheet HTML 1Page - International Rectifier PVT322PBF Datasheet HTML 2Page - International Rectifier PVT322PBF Datasheet HTML 3Page - International Rectifier PVT322PBF Datasheet HTML 4Page - International Rectifier PVT322PBF Datasheet HTML 5Page - International Rectifier PVT322PBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
June 02, 2015
Series PVT322PbF
Electrical Specifications (-40°C
≤ TA ≤ +85°C unless otherwise specified)
INPUT CHARACTERISTICS
Limits
Units
Minimum Control Current
(See figure1)
2.0
mA
Maximum Control Current for Off-State Resistance
@TA=+25°C
0.4
mA
Control Current Range
(Caution: current limit input LED, see figure 5)
2.0 to 25
mA
Maximum Reverse Voltage
6.0
V
Connection Diagram
GENERAL CHARACTERISTICS
Limits
Units
Minimum Dielectric Strength, Input-Output
4000
VRMS
Minimum Dielectric Strength, Pole-to-Pole
1000
VDC
Minimum Insulation Resistance,
Input-Output, @TA=+25°C, 50%RH, 100VDC
1012
Ω
Maximum Capacitance, Input-Output
1.0
pF
Maximum Pin Soldering Temperature
(10 seconds maximum)
+260
Ambient Temperature Range:
Operating
-40 to +85
°C
Storage
-40 to +100
OUTPUT CHARACTERISTICS
Limits
Units
Operating Voltage Range
0 to ±250
V(DC or AC peak)
Maximum Load Current
@ TA=+40°C
5mA Control (See figure 1) (single and dual channel operation)
170
mA
Maximum Peak Load Current
(10ms maximum duration)
(single and dual channel operation)
500
mA
Maximum On-State Resistance
@TA=+25°C
For 50mA Pulsed load, 5mA Control (see figure 3)
10
Ω
Maximum Off-State Leakage
@TA=+25°C, ±250V (see figure 4)
1.0
µA
Maximum Turn-On Time
@TA=+25°C (see figure 6)
3.0
ms
For 50mA, 100 VDC load, 5mA Control
Maximum Turn-Off Time
@TA=+25°C (see figure 6)
0.5
ms
For 50mA, 100 VDC load, 5mA Control
Maximum Output Capacitance
@ 50VDC
50
pF
International Rectifier does not recommend the use of
this product in aerospace, avionics, military or life sup-
port applications. Users of this International Rectifier
product in such applications assume all risks of such
use and indemnify International Rectifier against all dam-
ages resulting from such use.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com