Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVT322PBF Datasheet(PDF) 1 Page - International Rectifier

Part # PVT322PBF
Description  Bounce-free operation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVT322PBF Datasheet(HTML) 1 Page - International Rectifier

  PVT322PBF Datasheet HTML 1Page - International Rectifier PVT322PBF Datasheet HTML 2Page - International Rectifier PVT322PBF Datasheet HTML 3Page - International Rectifier PVT322PBF Datasheet HTML 4Page - International Rectifier PVT322PBF Datasheet HTML 5Page - International Rectifier PVT322PBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
(HEXFET is the registered trademark for International Rectifier Power MOSFETs)
General Description
The PVT322 Series Photovoltaic Relay is a dual-
pole, normally open solid-state relay that can
replace electromechanical relays in many
applications. It utilizes International Rectifier’s
HEXFET power MOSFET as the output switch,
driven by an integrated circuit photovoltaic
generator of novel construction. The output switch
is controlled by radiation from a GaAlAs light
emitting diode (LED) which is optically isolated
from the photovoltaic generator.
Series PVT322 Relays are packaged in an 8-pin,
molded DIP package with either thru-hole or
surface mount (gull-wing) terminals. It is available
in standard plastic shipping tubes or on tape-
and-reel. Please refer to Part Identification
information opposite.
Applications
On/Off Hook switch
Tip and Ring Line switching
General switching
Part Identification
PVT322PbF
thru-hole
PVT322SPbF
Surface-mount
PVT322S-TPbF Surface-mount,
Tape and Reel
Features
HEXFET Power MOSFET output
Bounce-free operation
4,000 VRMSI/O isolation
Linear AC/DC operation
Solid-State Reliability
UL recognized and BABT certified
1
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
June 02, 2015
Microelectronic Power IC
HEXFET® Power MOSFET Photovoltaic Relay
Single Pole, Normally Open, 0-250V, 170mA AC/DC
Series PVT322PbF


Similar Part No. - PVT322PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVT322PBF IRF-PVT322PBF Datasheet
1Mb / 5P
HEXFET짰 Power MOSFET Photovoltaic Relay Dual Pole, Normally Open 0-250V, 170mA AC/DC
logo
Infineon Technologies A...
PVT322PBF INFINEON-PVT322PBF Datasheet
933Kb / 7P
Microelectronic Power IC
2016-08-29
More results

Similar Description - PVT322PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVA13NPBF IRF-PVA13NPBF_15 Datasheet
221Kb / 6P
Bounce-Free Operation
PVA30NPBF IRF-PVA30NPBF_15 Datasheet
1,001Kb / 6P
Bounce-Free Operation
PVA33NPBF IRF-PVA33NPBF_15 Datasheet
217Kb / 7P
Bounce-Free Operation
PVDZ172NPBF IRF-PVDZ172NPBF_15 Datasheet
199Kb / 6P
Bounce-Free Operation
PVG612APBF IRF-PVG612APBF_15 Datasheet
226Kb / 6P
Bounce-free operation
PVG612PBF IRF-PVG612PBF_15 Datasheet
215Kb / 6P
Bounce-free operation
PVN012PBF IRF-PVN012PBF_15 Datasheet
191Kb / 6P
Bounce-free operation
PVT322APBF IRF-PVT322APBF_15 Datasheet
437Kb / 6P
Bounce-free operation
PVT412APBF IRF-PVT412APBF_15 Datasheet
199Kb / 6P
Bounce-free operation
PVT412PBF IRF-PVT412PBF_15 Datasheet
266Kb / 6P
Bounce-free operation
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com