Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVT322PBF Datasheet(PDF) 3 Page - International Rectifier

Part # PVT322PBF
Description  Bounce-free operation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVT322PBF Datasheet(HTML) 3 Page - International Rectifier

  PVT322PBF Datasheet HTML 1Page - International Rectifier PVT322PBF Datasheet HTML 2Page - International Rectifier PVT322PBF Datasheet HTML 3Page - International Rectifier PVT322PBF Datasheet HTML 4Page - International Rectifier PVT322PBF Datasheet HTML 5Page - International Rectifier PVT322PBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
June 02, 2015
Series PVT322PbF
Figure 3. Typical Normalized On-Resistance
0.5 1.0 1.5 2.0 2.5
-0.5
-1.0
-1.5
-2.0
-2.5
-50
-100
-150
-200
50
100
150
200
250
-250
3.0
-3.0
Figure 2. Linearity Characteristics
20
40
60
80
100
0
0
100
200
150
50
Figure 1. Typical Current Derating Curve
Figure 4. Typical Normalized Off-State Leakage
2 mA
ILED = 5 mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com