Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX829C/D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX829C/D
Description  Switched-Capacitor Voltage Inverters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX829C/D Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX829C/D Datasheet HTML 1Page - Maxim Integrated Products MAX829C/D Datasheet HTML 2Page - Maxim Integrated Products MAX829C/D Datasheet HTML 3Page - Maxim Integrated Products MAX829C/D Datasheet HTML 4Page - Maxim Integrated Products MAX829C/D Datasheet HTML 5Page - Maxim Integrated Products MAX829C/D Datasheet HTML 6Page - Maxim Integrated Products MAX829C/D Datasheet HTML 7Page - Maxim Integrated Products MAX829C/D Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
_____________________Pin Description
Switched-Capacitor Voltage Inverters
4
_______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(Circuit of Figure 1, VIN = +5V, C1 = C2 = C3, TA = +25°C, unless otherwise noted.)
0.5
-5.5
0
5
15
10
35
OUTPUT VOLTAGE
vs. OUTPUT CURRENT
-4.5
-0.5
OUTPUT CURRENT (mA)
20
30
25
45 50
40
-1.5
-2.5
-3.5
VIN = 3.3V
VIN = 5.0V
VIN = 2.0V
100
0
0
5
10
EFFICIENCY vs. OUTPUT CURRENT
10
30
20
90
OUTPUT CURRENT (mA)
20
15
30
25
45
40
50
35
70
80
50
60
40
VIN = 2.0V
VIN = 3.3V
VIN = 5.0V
VOUT
20mV/div
MAX828
OUTPUT NOISE AND RIPPLE
VIN = 3.3V, VOUT = -3.2V, IOUT = 5mA, AC COUPLED
20
µs/div
Flying Capacitor’s Positive Terminal
C1+
5
Ground
GND
4
Flying Capacitor’s Negative Terminal
C1-
3
PIN
Positive Power-Supply Input
IN
2
Inverting Charge-Pump Output
OUT
1
FUNCTION
NAME
VOLTAGE INVERTER
OUT
IN
C1+
VIN
RL
C1
3.3
µF*
*10
µF
(MAX828)
C2
3.3
µF*
C3
3.3
µF*
5
1
2
3
4
VOUT
GND
C1-
MAX828
MAX829
Figure 1. Test Circuit
VOUT
20mV/div
MAX829
OUTPUT NOISE AND RIPPLE
VIN = 3.3V, VOUT = -3.2V, IOUT = 5mA, AC COUPLED
10
µs/div



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com