Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX829C/D Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX829C/D
Description  Switched-Capacitor Voltage Inverters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX829C/D Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX829C/D Datasheet HTML 1Page - Maxim Integrated Products MAX829C/D Datasheet HTML 2Page - Maxim Integrated Products MAX829C/D Datasheet HTML 3Page - Maxim Integrated Products MAX829C/D Datasheet HTML 4Page - Maxim Integrated Products MAX829C/D Datasheet HTML 5Page - Maxim Integrated Products MAX829C/D Datasheet HTML 6Page - Maxim Integrated Products MAX829C/D Datasheet HTML 7Page - Maxim Integrated Products MAX829C/D Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Switched-Capacitor Voltage Inverters
6
_______________________________________________________________________________________
Conversion losses occur during the charge transfer
between C1 and C2 when there is a voltage difference
between them. The power loss is:
__________Applications Information
Capacitor Selection
To maintain the lowest output resistance, use capaci-
tors with low ESR (Table 1). The charge-pump output
resistance is a function of C1’s and C2’s ESR.
Therefore, minimizing the charge-pump capacitor’s
ESR minimizes the total output resistance.
Flying Capacitor (C1)
Increasing the flying capacitor’s size reduces the out-
put resistance. Small C1 values increase the output
resistance. Above a certain point, increasing C1’s
capacitance has a negligible effect, because the out-
put resistance becomes dominated by the internal
switch resistance and capacitor ESR.
Output Capacitor (C2)
Increasing the output capacitor’s size reduces the out-
put ripple voltage. Decreasing its ESR reduces both
output resistance and ripple. Smaller capacitance val-
ues can be used with light loads if higher output ripple
can be tolerated. Use the following equation to calcu-
late the peak-to-peak ripple:
Input Bypass Capacitor
Bypass the incoming supply to reduce its AC impedance
and the impact of the MAX828/MAX829’s switching
noise. The recommended bypassing depends on the cir-
cuit configuration and on where the load is connected.
When the inverter is loaded from OUT to GND, current
from the supply switches between 2 x IOUT and zero.
Therefore, use a large bypass capacitor (e.g., equal to
the value of C1) if the supply has a high AC impedance.
When the inverter is loaded from IN to OUT, the circuit
draws 2 x IOUT constantly, except for short switching
spikes. A 0.1µF bypass capacitor is sufficient.
Voltage Inverter
The most common application for these devices is a
charge-pump voltage inverter (Figure 1). This applica-
tion requires only two external components—capacitors
C1 and C2—plus a bypass capacitor, if necessary.
Refer to the
Capacitor Selection section for suggested
capacitor types and values.
Cascading Devices
Two devices can be cascaded to produce an even
larger negative voltage (Figure 4). The unloaded output
voltage is normally -2 x VIN, but this is reduced slightly
by the output resistance of the first device multiplied by
the quiescent current of the second. When cascading
more than two devices, the output resistance rises dra-
matically. For applications requiring larger negative
voltages, see the MAX864 and MAX865 data sheets.
Paralleling Devices
Paralleling multiple MAX828s or MAX829s reduces the
output resistance. Each device requires its own pump
capacitor (C1), but the reservoir capacitor (C2) serves
all devices (Figure 5). Increase C2’s value by a factor
of n, where n is the number of parallel devices. The
equation for calculating output resistance is also shown
in Figure 5.
V
=
I
f
x C2
RIPPLE
OUT
OSC
+ 2
2
x I
x ESR
OUT
C
P
C1 V
V
C2 V
2V
V
x f
CONV.LOSS
IN
2
OUT
2
RIPPLE
2
OUT RIPPLE
OSC
[
]
=
−
 +
−
1 2
1 2
/
/
Table 1. Low-ESR Capacitor Manufacturers
Matsuo
AVX
MANUFACTURER
(714) 969-2491
(803) 946-0690
(800) 282-4975
PHONE
(603) 224-1961
(619) 661-6835
Sprague
Sanyo
(603) 224-1430
(619) 661-1055
(714) 960-6492
(803) 626-3123
FAX
Surface-mount, 595D series
Through-hole, OS-CON series
Surface-mount, 267 series
Surface-mount, TPS series
DEVICE TYPE
USA
Japan
81-7-2070-6306
81-7-2070-1174



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com