Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX829C/D Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX829C/D
Description  Switched-Capacitor Voltage Inverters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX829C/D Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX829C/D Datasheet HTML 1Page - Maxim Integrated Products MAX829C/D Datasheet HTML 2Page - Maxim Integrated Products MAX829C/D Datasheet HTML 3Page - Maxim Integrated Products MAX829C/D Datasheet HTML 4Page - Maxim Integrated Products MAX829C/D Datasheet HTML 5Page - Maxim Integrated Products MAX829C/D Datasheet HTML 6Page - Maxim Integrated Products MAX829C/D Datasheet HTML 7Page - Maxim Integrated Products MAX829C/D Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Switched-Capacitor Voltage Inverters
_______________________________________________________________________________________
7
Combined Doubler/Inverter
In the circuit of Figure 6, capacitors C1 and C2 form the
inverter, while C3 and C4 form the doubler. C1 and C3
are the pump capacitors; C2 and C4 are the reservoir
capacitors. Because both the inverter and doubler use
part of the charge-pump circuit, loading either output
causes both outputs to decline toward GND. Make sure
the sum of the currents drawn from the two outputs
does not exceed 40mA.
Heavy Output Current Loads
When under heavy loads, where higher supply is sourc-
ing current into OUT, the OUT supply must not be pulled
above ground. Applications that sink heavy current into
OUT require a Schottky diode (1N5817) between GND
and OUT, with the anode connected to OUT (Figure 7).
Layout and Grounding
Good layout is important, primarily for good noise per-
formance. To ensure good layout, mount all compo-
nents as close together as possible, keep traces short
to minimize parasitic inductance and capacitance, and
use a ground plane.
MAX828
MAX829
“n”
MAX828
MAX829
“1”
2
1
VOUT
C2
2
+VIN
C1
C2
C1
3
3
4
4
5
5
1
VOUT = -nVIN
…
…
Figure 4. Cascading MAX828s or MAX829s to Increase
Output Voltage
MAX870
MAX871
“n”
MAX870
MAX871
“1”
2
1
VOUT
C2
2
+VIN
C1
C1
3
3
4
4
5
5
1
VOUT = -VIN
ROUT =
ROUT OF SINGLE DEVICE
NUMBER OF DEVICES
…
…
Figure 5. Paralleling MAX828s or MAX829s to Reduce Output
Resistance
MAX828
MAX829
2
1
VOUT = (2VIN) -
(VFD1) - (VFD2)
C2
+VIN
C1
3
4
5
VOUT = -VIN
C4
D1
D1, D2 = 1N4148
C3
D2
Figure 6. Combined Doubler and Inverter
MAX870
MAX871
4
1
GND
OUT
Figure 7. High V- Load Current



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com