Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM602AG-S16-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UM602AG-S16-R
Description  DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UM602AG-S16-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UM602AG-S16-R Datasheet HTML 1Page - Unisonic Technologies UM602AG-S16-R Datasheet HTML 2Page - Unisonic Technologies UM602AG-S16-R Datasheet HTML 3Page - Unisonic Technologies UM602AG-S16-R Datasheet HTML 4Page - Unisonic Technologies UM602AG-S16-R Datasheet HTML 5Page - Unisonic Technologies UM602AG-S16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
UM602A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R105-030.B
MARKING
DIP-16
SOP-16
PIN CONFIGURATION
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
output1
Inverting Input1
Non Inverting Input1
VCC+
Non-Inverting Input2
Inverting Input2
Output2
VREF
Output4
Inverting Input
Non Inverting Input4
VCC-
Non Inverting Input3
Inverting Input3
Output3
Cathode
COMP
COMP
PIN DESCRIPTION
PIN
NAME
TYPE
FUNCTION
1.
VREF
OUTPUT
Voltage Reference Output 1.24V, 10mA max. Do not short circuit
2.
CSEN
INPUT
Current source enable input. This current source can be used to offset the
voltage measurement on the sense resistor and therefore to modify the charge
current. The current source is enabled when the input volage on pin 2 is lower
than 0.8V
3.
CRREF
INPUT
Current Limitation Reference Input
4.
GND
INPUT
Ground
5.
CRIN
INPUT
Current Limitation Loop Input, connected to the sense resistor
6.
OUTPUT
OUTPUT
Output pin common to the voltage regulation and current limitation loops.
This output can drive the primary side (LED) of an optocoupler
7.
VRIN
INPUT
Voltage Regulation Loop Input
8.
VCC
INPUT
Power Supply Input (4.5 ~ 32VDC)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com