Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM602AG-S16-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UM602AG-S16-R
Description  DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UM602AG-S16-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UM602AG-S16-R Datasheet HTML 1Page - Unisonic Technologies UM602AG-S16-R Datasheet HTML 2Page - Unisonic Technologies UM602AG-S16-R Datasheet HTML 3Page - Unisonic Technologies UM602AG-S16-R Datasheet HTML 4Page - Unisonic Technologies UM602AG-S16-R Datasheet HTML 5Page - Unisonic Technologies UM602AG-S16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
UM602A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R105-030.B
COMPARATORS
(VCC+=+5V, VCC=Ground, TA=25C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
TA=25°C
5
MV
Input Offset Voltage
VIO
TMIN ≤ TA ≤ TMAX
9
MV
TA=25°C
50
nA
Input Offset Current
IIO
TMIN ≤ TA ≤ TMAX
150
nA
TA=25°C
250
nA
Input Bias Current
IIB
TMIN ≤ TA ≤ TMAX
nA
VID=1V, VCC=VO+30V
0.1
nA
High Level Output Voltage
IOH
TMIN ≤ TA ≤ TMAX
1
μA
VID=-1V, Lsink=4mA
250
400
mV
Low Level Output Voltage
VOL
TMIN ≤ TA ≤ TMAX
700
Large Signal Voltage Gain
AVD
R1=15K, VCC=15V, VO=1~11V
200
V/mV
Output Sink Current
ISINK
VID=-1V, VO=1.5V
6
16
mA
TA=25°C
0
VCC
+
-1.5
V
Input Common Mode Voltage
Range
VICM
TMIN ≤ TA ≤ TMAX
0
VCC
+
-2
V
Differential Input Voltage
VID
VCC
+
V
Response Time (Note1)
tRE
R1=5.1k~VCC
+, VREF=1.4V
1.3
μs
Large Signal Response Time
tREL
VREF=1.4V, VI=TTL, R1=5.1k~VCC
+
300
ns
Notes: 1. The response time specified is for 100mV input step with 5mV overdrive.
2. For larger overdrive signals, 300ns can be obtained.
VOLTAGE REFERENCE
PARAMETER
SYMBOL
VALUE
UNIT
Cathode to Anode Voltage
VKA
VREF ~ 36
V
Cathode Current
IK
1 to 100
mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com