Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM602AG-S16-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UM602AG-S16-R
Description  DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UM602AG-S16-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UM602AG-S16-R Datasheet HTML 1Page - Unisonic Technologies UM602AG-S16-R Datasheet HTML 2Page - Unisonic Technologies UM602AG-S16-R Datasheet HTML 3Page - Unisonic Technologies UM602AG-S16-R Datasheet HTML 4Page - Unisonic Technologies UM602AG-S16-R Datasheet HTML 5Page - Unisonic Technologies UM602AG-S16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UM602A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R105-030.B
ABSOLUTE MAXIMUM RATING (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
DC Supply Voltage
VCC
36
V
Differential Input Voltage
VID
36
V
Input Voltage
VIN
-0.3 ~ +36
V
Power Dissipation
PD
200
mW
Junction Temperature
TJ
150
°C
Operating Temperature Range
TOPR
-40 ~ +125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (VCC+=5V, VCC-=GND, TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
0.8
1.5
mA
Total Supply Current
ICC
TMIN < TA < TMAX
2
mA
OPERATIONAL AMPLIFIERS (Independent op-amp)
(VCC
+=5V, VCC-=0V, R1 Connected to VCC/2, TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
TA=25°C
1
4.5
mV
Input Offset Voltage
VIO
TMIN ≤ TA ≤ TMAX
6.5
mV
Input Offset Voltage Drift
DVIO
10
μV/
C
TA=25°C
20
100
nA
Input Bias Current
IIB
TMIN ≤ TA ≤ TMAX
200
nA
TA=25°C
5
20
nA
Input Offset Current
IIO
TMIN ≤ TA ≤ TMAX
40
nA
R1=10k, VCC
+=30V, VO=5V~25V
50
100
V/mV
Large Signal Voltage Gain
AVD
TMIN ≤ TA ≤ TMAX
25
V/mV
Supply Voltage Rejection Ratio
SVR
VO=5V~30V
80
100
dB
TA=25°C
VCC
-
VCC
+
-1.8
V
Input Common Mode Voltage
Range
VICM
TMIN ≤ TA ≤ TMAX
VCC
-
VCC
+
-2.2
V
Common Mode Rejection Ratio
CMR
VCC
+=30V,
VICM=0V~(VCC
+)-1.8V
70
90
dB
Source
3
6
mA
Output Short Circuit Current
ISC
VID=±1V, VO=2.5V
Sink
3
6
mA
RL=10kΩ
27
28
V
High Level Output Voltage
VOH
VCC
+=30V
TMIN ≤ TA ≤ TMAX
26
V
RL=10kΩ
100
150
mV
Low Level Output Voltage
VOL
TMIN ≤ TA ≤ TMAX
210
mV
Slew Rate
SR
VCC=±15V, VI=±10V,
RL=10KΩ, CL=100pF
1.6
2
V/
s
Gain Bandwidth Product
GBP
RL=10KΩ, CL=100pF, f=100kHz
1.4
2.1
MHz
Phase Margin
Φm
RL=10KΩ, CL=100pF
45
Degre
es
Total Harmonic Distortion
THD
0.05
%
Equivalent Input Noise Voltage
en
f=1kHz
29
nV
Hz
Channel Separation
CS
120
dB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com