Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX845C/D Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX845C/D
Description  Isolated Transformer Driver for PCMCIA Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX845C/D Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX845C/D Datasheet HTML 5Page - Maxim Integrated Products MAX845C/D Datasheet HTML 6Page - Maxim Integrated Products MAX845C/D Datasheet HTML 7Page - Maxim Integrated Products MAX845C/D Datasheet HTML 8Page - Maxim Integrated Products MAX845C/D Datasheet HTML 9Page - Maxim Integrated Products MAX845C/D Datasheet HTML 10Page - Maxim Integrated Products MAX845C/D Datasheet HTML 11Page - Maxim Integrated Products MAX845C/D Datasheet HTML 12Page - Maxim Integrated Products MAX845C/D Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Isolated Transformer Driver
for PCMCIA Applications
_______________________________________________________________________________________
9
0.1µF
ISO
GND
C1
0.1µF
5V @ 50mA
ISO OUTPUT
D1
TELEPHONE SUBSCRIBER LINE
2M
100k
1k
100k
100k
100k
680k
Q1
2N3906
Q2
2N3904
6.8V
2W
MAX845
D1
D2
FS
SD
GND1
GND2
VCC
1
T1
1:2:1
8
3
22k
22k
N.C.
6
2
7
4
D2
1N5817
IC2
TL431
ISOLATION
BARRIER
D3
1N5817
IC1
Figure 7. 5V from Telephone-Subscriber Line
10µF
5V
MAX845
D1
D2
GND1
GND2
VCC
1
8
6
2
7
1N5817
SD
4
1N5817
1CT:5CT
49.9k
7
6
3
2
4
7
6
3
2
4
10k
24.9
Ω
2N3904
MAX480
MAX480
0.1V to 0.5V
ISO
5V
IOUT
4mA to 20mA
78L05
4
3
2
1
5
6
24V UNREGULATED
49.9k
RL
0k to 1k
2N3904
ISOLATION
BARRIER
VIN
IN
GND
OUT
IL300
Figure 8. Typical 4mA/20mA Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com