Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX845C/D Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX845C/D
Description  Isolated Transformer Driver for PCMCIA Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX845C/D Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX845C/D Datasheet HTML 8Page - Maxim Integrated Products MAX845C/D Datasheet HTML 9Page - Maxim Integrated Products MAX845C/D Datasheet HTML 10Page - Maxim Integrated Products MAX845C/D Datasheet HTML 11Page - Maxim Integrated Products MAX845C/D Datasheet HTML 12Page - Maxim Integrated Products MAX845C/D Datasheet HTML 13Page - Maxim Integrated Products MAX845C/D Datasheet HTML 14Page - Maxim Integrated Products MAX845C/D Datasheet HTML 15Page - Maxim Integrated Products MAX845C/D Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Isolated Transformer Driver
for PCMCIA Applications
______________________________________________________________________________________
15
Table 2. Rectifier Topology Trade-Offs
TOPOLOGY
ADVANTAGE
DISADVANTAGE
2-Diode
Push/Pull
(Figure 11a)
• Only 3 external
components
• Low output ripple
• Single diode drop
• More turns on
transformer
4-Diode
Bridge
(Figure 11b)
• Simpler transformer
winding requirements
• Low output ripple
• 5 external
components
• Higher cost
• 2 diode drops
Voltage
Doubler
(Figure 11c)
• Fewest turns on
transformer
• 4 external
components
• Higher output
ripple
• 2 diode drops
___________________Chip Topography
VCC
GND2
FS
0.085"
(2.159mm)
0.058"
(1.4732mm)
SD
D1
D2
GND1
SUPPLIER
CAPACITOR
Low-ESR 267 Series
Matsuo
USA Phone: (714) 969-2491
FAX: (714) 960-6492
Ceramic
Murata Erie
USA Phone: (800) 831-9172
FAX: (404) 436-3030
Very Low-ESR 595D/293D
Series
Sprague Electric Co.
USA Phone: (603) 224-1961
FAX: (603) 224-1430
Table 3. Suggested Capacitor Suppliers
SUBSTRATE CONNECTED TO VCC
TRANSISTOR COUNT: 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com