Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX845C/D Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX845C/D
Description  Isolated Transformer Driver for PCMCIA Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX845C/D Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX845C/D Datasheet HTML 2Page - Maxim Integrated Products MAX845C/D Datasheet HTML 3Page - Maxim Integrated Products MAX845C/D Datasheet HTML 4Page - Maxim Integrated Products MAX845C/D Datasheet HTML 5Page - Maxim Integrated Products MAX845C/D Datasheet HTML 6Page - Maxim Integrated Products MAX845C/D Datasheet HTML 7Page - Maxim Integrated Products MAX845C/D Datasheet HTML 8Page - Maxim Integrated Products MAX845C/D Datasheet HTML 9Page - Maxim Integrated Products MAX845C/D Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
The MAX845 is a versatile transformer driver, capable
of driving a center-tapped transformer primary from a
5V or 3.3V DC power supply (Figures 3 and 4). The
secondary can be wound to provide any isolated volt-
age needed at power levels up to 750mW with a 5V
supply or up to 500mW with a 3.3V supply. Figure 3
shows a typical 5V to isolated 5V application circuit that
delivers up to 150mA of isolated 5V power.
3.3V Supply
Any of the application circuits shown may be converted
to 3.3V operation by changing the turns ratio of the trans-
former and operating the MAX845 from a boost supply,
as shown in Figure 4. In normal operation, whenever one
of the MAX845 outputs goes low, the other goes to
approximately double the supply voltage. Since the cir-
cuit is symmetrical, the two outputs can be combined
with diodes, lightly filtered, then used to power the
MAX845, and possibly other light loads as well.
The diodes on the primary side may be any fast-switch-
ing small-signal diodes, such as the 1N914, 1N4148, or
CMPD2838. The value of the primary filter capacitor is
not critical and can be very small, since it only needs to
supply current to the MAX845 during the break-before-
make interval.
The transformer could be any of the same ones used for
5V operation, but for optimum performance it should
have fewer primary turns, as the ET product required is
now only 3.3V-µs. For a given power level, the currents
will be higher at 3.3V, so transformer winding resistance
will be more critical and efficiencies will be lower. The
MAX845 output current must still be limited to 200mA
(see
Absolute Maximum Ratings), so the available out-
put power will be less than with a 5V power source.
Low-Noise Power Supply
The MAX845 topology is inherently low noise, in that
either one or the other of the two power devices is on at
any given time. By alternating between two identical
states with one side on and the other off, the input cur-
rent is nearly constant and secondary output power is
available at all times. There is an intentional break-
before-make action to prevent any possibility of both
power switches conducting at the same time. During
this 100ns non-overlap interval, the input current goes
to zero. This adds a small high-frequency component
to the input current waveform. This ripple current can
easily be absorbed by a small input bypass capacitor
(0.33µF) from VCC to ground. Figure 5 shows a low-
noise bias supply using the MAX845 transformer driver.
When using the two-diode push-pull (Figure 11a)
rectifier or the four-diode bridge (Figure 11b), the out-
put voltage tends to be more constant than in most
alternative topologies. As described above, the circuit
alternates between two identical states that both pro-
vide power to the load. The only part of the cycle that
produces output ripple is the 100ns non-overlap inter-
val, which can easily be filtered by a small ceramic
output capacitor (0.33µF).
Isolated Transformer Driver
for PCMCIA Applications
6
_______________________________________________________________________________________
C2
0.33µF
C1
0.1µF
5V @ 150mA
ISO OUTPUT
5V
VIN
MAX845
D1
D2
FS
GND1 GND2
VCC
1
8
6
2
7
3
FREQUENCY
SELECT
SD
4
ISO
GND
MBR0520
1CT:1.3CT
MBR0520
ON / OFF
Figure 3. 5V to Isolated 5V Application Circuit
MAX845
GND1
GND2
VCC
1
8
6
2
7
1N4148
1N4148
D1
D2
3.3V
SUPPLY
SEE FIGURE 11
FOR RECTIFIER
CONFIGURATIONS
0.01µF
Figure 4. 3.3V Input to Isolated Output Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com