Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USR1021G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # USR1021G-S08-R
Description  3A SYNCHRONOUS BUCK REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

USR1021G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  USR1021G-S08-R Datasheet HTML 1Page - Unisonic Technologies USR1021G-S08-R Datasheet HTML 2Page - Unisonic Technologies USR1021G-S08-R Datasheet HTML 3Page - Unisonic Technologies USR1021G-S08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
USR1021
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 4
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R103-073.a
3A SYNCHRONOUS BUCK
REGULATOR
DESCRIPTION
The UTC USR1021 is a high efficiency, 3A synchronous buck
regulator. The UTC USR1021 works from a 6V to 18V input
voltage range, and provides up to 3A of continuous output current
with an output voltage adjustable down to 0.8V.
The UTC USR1021 comes in an SOP-8 packages and is rated
over a -40°C~+85°C ambient temperature range.
FEATURES
* 6V~18V operating input voltage range
* High efficiency
* Internal soft start
* 1.5% initial output accuracy
* Output voltage adjustable to 0.8V
* 3A continuous output current
* Cycle-by-cycle current limit
* 500kHz PWM operation
* Thermal shutdown
* Short-circuit protection
SOP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
USR1021L-S08-R
USR1021G-S08-R
SOP-8
Tape Reel
USR1021L-S08-T
USR1021G-S08-T
SOP-8
Tube
Note: xx: Output Voltage, refer to Marking Information.


Similar Part No. - USR1021G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
USR1021G-S08-R UTC-USR1021G-S08-R Datasheet
183Kb / 4P
3A SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - USR1021G-S08-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5353 FAIRCHILD-FAN5353 Datasheet
983Kb / 13P
3MHz, 3A Synchronous Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ1021AI AOSMD-AOZ1021AI Datasheet
541Kb / 15P
EZBuck??3A Synchronous Buck Regulator
AOZ1031AI AOSMD-AOZ1031AI Datasheet
925Kb / 15P
EZBuck??3A Synchronous Buck Regulator
AOZ1033AI AOSMD-AOZ1033AI Datasheet
908Kb / 15P
EZBuck??3A Synchronous Buck Regulator
AOZ1022DI AOSMD-AOZ1022DI Datasheet
842Kb / 17P
EZBuck??3A Synchronous Buck Regulator
logo
Unisonic Technologies
USR1021 UTC-USR1021 Datasheet
183Kb / 4P
3A SYNCHRONOUS BUCK REGULATOR
logo
Microchip Technology
MIC28511 MICROCHIP-MIC28511 Datasheet
1Mb / 34P
60VIN, 3A Synchronous Buck Regulator
07/14/15
logo
Micrel Semiconductor
MIC28511 MICREL-MIC28511 Datasheet
519Kb / 10P
60V/3A Synchronous Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ6623DI AOSMD-AOZ6623DI Datasheet
910Kb / 15P
EZBuckTM 3A Synchronous Buck Regulator
AOZ6663DI AOSMD-AOZ6663DI Datasheet
691Kb / 17P
EZBuckTM 3A Synchronous Buck Regulator
Rev. 1.0 October 2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com