Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX892LC/D Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX892LC/D
Description  Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX892LC/D Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX892LC/D Datasheet HTML 1Page - Maxim Integrated Products MAX892LC/D Datasheet HTML 2Page - Maxim Integrated Products MAX892LC/D Datasheet HTML 3Page - Maxim Integrated Products MAX892LC/D Datasheet HTML 4Page - Maxim Integrated Products MAX892LC/D Datasheet HTML 5Page - Maxim Integrated Products MAX892LC/D Datasheet HTML 6Page - Maxim Integrated Products MAX892LC/D Datasheet HTML 7Page - Maxim Integrated Products MAX892LC/D Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Current-Limited, High-Side
P-Channel Switches with Thermal Shutdown
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = 3V, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN to GND ..................................................................-0.3V to 6V
ON, FAULT to GND.................................................... -0.3V to 6V
SET, OUT to GND ........................................-0.3V to (VIN + 0.3V)
Maximum Continuous Switch Current
MAX891L ..........................................................................0.75A
MAX892L ........................................................................0.375A
Continuous Power Dissipation (TA = +70°C)
µMAX (derate 4.1mW/°C above +70°C) .......................330mW
Operating Temperature Range
MAX891LEUA/MAX892LEUA ............................-40°C to +85°C
Storage Temperature Range ............................-65°C to +150°C
Lead Temperature (soldering, 10sec) ........................... +300°C
20% current overdrive, VIN = 5V
V FAULT = 5.5V, VSET = 1V
ISINK = 1mA, VSET = 1.4V
ON = IN, VIN = VOUT = 5.5V
VSET = 1.24V, IOUT = 0mA
V ON = 5.5V
VIN = 5V, ON = GND, IOUT = 0mA
VIN = 4.5V to 5.5V
VIN = 2.7V to 3.6V
VIN = 2.7V to 5.5V
VOUT = 1.6V to 2.8V
MAX891L
VSET required to turn the switch off (Note 1)
MAX891L, IOUT = 250mA
VIN = 3.0V
MAX891L
MAX891L
VIN = 4.5V
MAX892L
MAX892L
CONDITIONS
µs
5
Slow-Current-Loop Response Time
µA
0.05
1
MAX892L
FAULT Logic Output High Leakage
V
0.4
MAX892L, IOUT = 125mA
FAULT Logic Output Low Voltage
µA
0.5
3
IOUT = 250mA (MAX891L), or 125mA
(MAX892L)
ISET Bias Current
µA
-1
0.01
1
ON Input Leakage
V
2.4
ON Input High Voltage
2.0
VIN = 5V
µs
V
0.8
2
ON Input Low Voltage
A/A
Fast-Current-Loop Response Time
IOUT to ISET Current Ratio
VIN = 3V
840
965
1130
µs
100
200
Turn-On Time
840
965
1130
VIN = 5V
µs
mA
0.8
2
20
Maximum Output Current
Turn-Off Time
250
µA
0.02
1
Off-Supply Current
µA
13
20
V
2.7
5.5
Operating Voltage
Quiescent Current
500
V
1.178
1.240
1.302
Current-Limit-Amplifier Accuracy
m
Ω
On-Resistance
300
500
120
225
250
420
150
300
UNITS
MIN
TYP
MAX
PARAMETER
m
Ω
150
ON = IN, VIN = 5.5V, VOUT = 0V
µA
0.02
3
Off-Switch Current
Rising edge, 1% hysteresis
V
2.0
2.3
2.6
Undervoltage Lockout



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com