Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX892LC/D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX892LC/D
Description  Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX892LC/D Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX892LC/D Datasheet HTML 1Page - Maxim Integrated Products MAX892LC/D Datasheet HTML 2Page - Maxim Integrated Products MAX892LC/D Datasheet HTML 3Page - Maxim Integrated Products MAX892LC/D Datasheet HTML 4Page - Maxim Integrated Products MAX892LC/D Datasheet HTML 5Page - Maxim Integrated Products MAX892LC/D Datasheet HTML 6Page - Maxim Integrated Products MAX892LC/D Datasheet HTML 7Page - Maxim Integrated Products MAX892LC/D Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Current-Limited, High-Side
P-Channel Switches with Thermal Shutdown
4
_______________________________________________________________________________________
0
0.01
0.02
0.03
0.04
0.05
0.06
-40
-20
40
20
100
OFF-SWITCH LEAKAGE CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
0
60
80
0.6
-40
-20
40
20
100
NORMALIZED ON-RESISTANCE
vs. TEMPERATURE
0.8
TEMPERATURE (°C)
0
60
80
1.2
1.0
0.7
1.3
1.1
0.9
ILOAD = 1/2ILIM
0
0
20
80
60
140
IOUT/ISET RATIO
vs. ILIMIT
400
ILIMIT (%)
40
100
120
1200
800
200
1400
1000
600
0
0.2
0.4
0.6
0.8
1.0
1.2
NORMALIZED OUTPUT CURRENT
vs. OUTPUT VOLTAGE
OUTPUT VOLTAGE (V)
0
1
2
3
4
5
6
ILIMIT
VIN = 5V
260
60
TURN-ON TIME
vs. TEMPERATURE
100
220
TEMPERATURE (°C)
180
140
240
80
200
160
120
ILOAD = ILIM
VIN = 3V
VIN = 5V
-40
-20
40
20
100
0
60
80
0
TURN-OFF TIME
vs. TEMPERATURE
1
4
TEMPERATURE (°C)
3
2
ILOAD = ILIM
VIN = 3V
VIN = 5V
-40
-20
40
20
100
0
60
80
__________________________________________Typical Operating Characteristics
(Typical Operating Circuit, TA = +25°C, unless otherwise noted.)
0
2
4
6
8
10
12
14
QUIESCENT CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
0
1
2
3
4
5
6
7
-40
-20
40
20
100
QUIESCENT CURRENT
vs. TEMPERATURE
9
TEMPERATURE (°C)
0
60
80
13
11
8
14
12
10
VIN = 3V
VIN = 5V
0
0.01
0.02
0.03
0.04
0.05
0.06
-40
-20
40
20
100
OFF-SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
0
60
80



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com