Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX892LC/D Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX892LC/D
Description  Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX892LC/D Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX892LC/D Datasheet HTML 1Page - Maxim Integrated Products MAX892LC/D Datasheet HTML 2Page - Maxim Integrated Products MAX892LC/D Datasheet HTML 3Page - Maxim Integrated Products MAX892LC/D Datasheet HTML 4Page - Maxim Integrated Products MAX892LC/D Datasheet HTML 5Page - Maxim Integrated Products MAX892LC/D Datasheet HTML 6Page - Maxim Integrated Products MAX892LC/D Datasheet HTML 7Page - Maxim Integrated Products MAX892LC/D Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Current-Limited, High-Side
P-Channel Switches with Thermal Shutdown
6
_______________________________________________________________________________________
______________________________________________________________Pin Description
Fault-Indicator Output. This open-drain output goes low when in current limit or when the die temperature
exceeds +135°C.
FAULT
6
Switch Output. P-channel MOSFET drain. Bypass OUT with a 0.1µF capacitor to ground.
OUT
7, 8
Set Current-Limit Input. A resistor from SET to ground sets the current limit for the switch. See
Setting the
Current Limit section.
SET
5
Ground
GND
4
PIN
Active-Low Switch On Input. A logic low turns the switch on.
ON
3
Input. P-channel MOSFET source. Bypass IN with a 1µF capacitor to ground.
IN
1, 2
FUNCTION
NAME
_______________Detailed Description
The MAX891L/MAX892L P-channel MOSFET power
switches limit output current to a user-programmed
level. When the output current is increased beyond
the set current level, the current is also increased
through the replica switch (IOUT/965) and through
RSET (Figure 1). The current-limit error amplifier com-
pares the voltage across RSET to the internal 1.24V ref-
erence and regulates the current back to the lesser of
the programmed current limit (ILIMIT) or the maximum
current limit (IMAX).
These switches are not bidirectional; therefore, the
input voltage must be higher than the output voltage.
Setting the Current Limit
The MAX891L/MAX892L feature internal current-limit-
ing circuitry with maximum programmable values
(IMAX) of 500mA and 250mA, respectively. For best
performance, set the current limit (ILIMIT) between
0.2IMAX ≤ ILIMIT ≤ IMAX. This current limit remains in
effect throughout the input supply-voltage range.
Program the current limit with a resistor (RSET) from
SET to ground (Figure 2) as follows:
ISET = ILIMIT / IRATIO
RSET = 1.240 / ISET
where ILIMIT is the desired current limit, and IRATIO is
the IOUT to ISET current ratio (965).
Short-Circuit Protection
The MAX891L/MAX892L are short-circuit-protected
switches. In the event of an output short circuit or cur-
rent-overload condition, the current through the switch is
limited by the internal current-limiting error amplifier to
1.5 x ILIMIT. When the fault condition is removed, the
replica error amplifier sets the current limit back to
ILIMIT.
For a high
∆VDS/∆t during an output short-circuit condi-
tion, the switch turns off and disconnects the input sup-
ply from the output. The current-limiting amplifier then
slowly turns the switch on with the output current limited
to 1.5 x ILIMIT. When the fault condition is removed, the
current limit is set back to ILIMIT. Refer to the Current-
Limit Response graphs in the
Typical Operating
Characteristics.
MAX891L
MAX892L
P
P
P
RSET
SET
OUT
GND
1.24V
N
FAULT
ON
ON
CURRENT-LIMIT
AMPLIFIER
REPLICA
AMPLIFIER
ON
HOT
IN
CONTROL
CIRCUITRY
Figure 1. Functional Diagram



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com