Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHA2090 Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHA2090
Description  GaAs Monolithic Microwave IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2090 Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHA2090 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2090 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2090 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2090 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2090 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2090 Datasheet HTML 6Page - United Monolithic Semiconductors CHA2090 Datasheet HTML 7Page - United Monolithic Semiconductors CHA2090 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CHA2090
17-24GHz Low Noise Amplifier
Ref. : DSCHA20909347-13 Dec 99
2/8
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Main Characteristics
Tamb = +25°C, Vd=4.5V, Pads B, D, E=GND
Symbol
Parameter
Min
Typ
Max
Unit
Fop
Operating frequency range
17
24
GHz
NF
Noise figure (1)
2
3
dB
G
Gain (1)
19
23
dB
Pout
Pout -1dB gain compression
10
dBm
VSWRin
Input VSWR (1)
2.0:1
2.5:1
VSWRout
Output VSWR (1)
2.0:1
2.5:1
Vdd
Positive Drain voltage (2)
4.5
5.0
V
(1) These values are representative of on-wafer measurements that are made without bonding wires
at the RF ports. When the chip is attached with typical 0.15nH input and output bonding wires, the
indicated parameter values should be improved.
(2) See chip biasing option page 7/8.
Absolute Maximum Ratings (1)
Tamb = +25°C
Symbol
Parameter
Values
Unit
Vd
Drain bias voltage (3)
5.5
V
Pin
Maximum peak input power overdrive (2)
+15
dBm
Top
Operating temperature range
-40 to +85
°C
Tstg
Storage temperature range
-55 to +125
°C
(1) Operation of this device above anyone of these parameters may cause permanent damage.
(2) Duration < 1s.
(3) See chip biasing option page 7/8.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com