Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHA2090 Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHA2090
Description  GaAs Monolithic Microwave IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2090 Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHA2090 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2090 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2090 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2090 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2090 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2090 Datasheet HTML 6Page - United Monolithic Semiconductors CHA2090 Datasheet HTML 7Page - United Monolithic Semiconductors CHA2090 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CHA2090
RoHS COMPLIANT
Ref. : DSCHA20909347-13 Dec 99
1/8
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
17-24GHz Low Noise Amplifier
GaAs Monolithic Microwave IC
Description
The CHA2090 is a three-stage self-biased
wide band monolithic low noise amplifier.
The circuit is manufactured with a standard
0.25µm gate length pHEMT process, via
holes through the substrate, air bridges
and electron beam gate lithography.
It is supplied in chip form.
Main Features
Broadband performance 17-24GHz
2.0dB noise figure
23dB gain,
± 1dB gain flatness
Low DC power consumption, 55mA
Chip size:
2,17 x 1,27 x 0.1mm
0
5
10
15
20
25
30
5
7
9 11 13 15 17 19 21 23 25 27 29 31 33 35
Frequency ( GHz )
0
2
4
6
8
10
12
On wafer typical measurements
Main Characteristics
Tamb = +25°C, Vd=4.5V, Pads B,D,E=GND
Symbol
Parameter
Min
Typ
Max
Unit
Fop
Operating frequency range
17
24
GHz
NF
Noise figure
2.0
3.0
dB
G
Gain
19
23
dB
VSWRin
Input VSWR
2:1
VSWRout
Output VSWR
2:1
ESD Protection : Electrostatic discharge sensitive device. Observe handling precautions !


Similar Part No. - CHA2090

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2090 UMS-CHA2090 Datasheet
130Kb / 8P
17-24GHz Low Noise Amplifier
CHA2090-99F/00 UMS-CHA2090-99F/00 Datasheet
130Kb / 8P
17-24GHz Low Noise Amplifier
More results

Similar Description - CHA2090

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHM1191 UMS-CHM1191 Datasheet
90Kb / 6P
GaAs Monolithic Microwave IC
logo
Siemens Semiconductor G...
CGY120 SIEMENS-CGY120 Datasheet
70Kb / 7P
GaAs MMIC (Monolithic microwave IC MMIC-Amplifier for mobile communication)
CGY21 SIEMENS-CGY21 Datasheet
130Kb / 9P
GaAs MMIC (Two-stage monolithic microwave IC MMIC amplifier)
logo
United Monolithic Semic...
CHA2411-QDG UMS-CHA2411-QDG Datasheet
684Kb / 10P
GaAs Monolithic Microwave IC In QFN package
CHC3014 UMS-CHC3014 Datasheet
1Mb / 16P
X-band RX-TX Core Chip GaAs Monolithic Microwave IC
CHA6358-99F00 UMS-CHA6358-99F00 Datasheet
290Kb / 12P
GaAs Monolithic Microwave IC
CHA2066-QAG UMS-CHA2066-QAG_15 Datasheet
211Kb / 12P
GaAs Monolithic Microwave IC in SMD leadless package
CHA2266 UMS-CHA2266_15 Datasheet
166Kb / 8P
GaAs Monolithic Microwave IC
CHA3511 UMS-CHA3511_15 Datasheet
287Kb / 10P
GaAs Monolithic Microwave IC
CHA6550-98F UMS-CHA6550-98F Datasheet
849Kb / 12P
17-23.6GHz Power Amplifier GaAs Monolithic Microwave IC bare die
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com