Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHA2090 Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHA2090
Description  GaAs Monolithic Microwave IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2090 Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHA2090 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2090 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2090 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2090 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2090 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2090 Datasheet HTML 6Page - United Monolithic Semiconductors CHA2090 Datasheet HTML 7Page - United Monolithic Semiconductors CHA2090 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
17-24GHz Low Noise Amplifier
CHA2090
Ref. : DSCHA20909347-13 Dec 99
3/8
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical Result
Chip Typical Response ( On wafer Sij ) :
Tamb = +25°C VD = 4.5V ID = 55mA
Frequency
MS11
PS11
MS12
PS12
MS21
PS21
MS22
PS22
mod
pha
mod
pha
mod
pha
mod
pha
GHz
dB
deg
dB
deg
dB
deg
dB
deg
1.000
-0.53
-20.8
-89.62
-92.0
-41.76
-148.5
-0.72
-23.8
2.000
-0.06
-39.0
-97.43
26.6
-48.17
170.5
-0.30
-50.3
3.000
-0.10
-58.5
-87.21
-23.0
-52.46
74.5
-0.33
-75.6
4.000
-0.16
-77.4
-84.87
-135.7
-61.22
154.8
-0.49
-101.9
5.000
-0.23
-96.5
-83.35
120.1
-35.86
-69.1
-0.89
-129.8
6.000
-0.34
-115.2
-66.23
84.2
-12.12
-123.6
-1.77
-159.0
7.000
-0.35
-134.1
-72.40
-58.1
1.34
145.9
-3.35
168.8
8.000
-0.45
-154.1
-73.93
-13.6
7.48
75.4
-6.63
141.1
9.000
-0.52
-175.4
-72.23
-7.1
11.96
18.3
-9.34
119.1
10.000
-0.75
160.3
-66.01
-34.2
15.54
-28.2
-13.97
85.5
11.000
-1.21
132.1
-60.26
-60.3
18.30
-72.2
-22.57
53.2
12.000
-2.33
97.8
-56.60
-94.9
19.92
-116.5 -39.69
-60.4
13.000
-4.60
57.2
-53.53
-135.9
21.36
-163.1 -30.19
-133.1
14.000
-8.86
8.5
-52.43
-173.4
22.49
149.3
-25.30
-127.8
15.000
-16.48
-40.4
-52.50
157.8
23.60
100.6
-21.56
-134.5
16.000
-24.70
-70.2
-52.26
135.4
23.89
62.2
-19.34
-144.1
17.000
-27.75
-80.6
-52.62
108.9
24.01
28.4
-17.60
-158.0
18.000
-23.51
-87.4
-51.36
100.6
23.66
-1.9
-16.51
-172.3
19.000
-21.41
-95.7
-51.27
60.6
23.52
-30.5
-16.34
163.7
20.000
-18.63
-107.0
-54.07
52.8
23.46
-57.8
-17.75
149.6
21.000
-16.77
-115.6
-55.06
30.3
23.11
-84.4
-19.33
131.6
22.000
-14.95
-123.2
-57.35
23.7
23.14
-111.0 -22.26
113.9
23.000
-13.73
-132.0
-59.54
8.0
22.82
-137.3 -25.44
89.1
24.000
-12.59
-138.8
-60.85
32.3
22.36
-162.8 -29.95
43.8
25.000
-11.60
-144.7
-62.07
49.5
22.01
171.8
-28.26
-24.5
26.000
-10.61
-149.8
-54.29
40.2
21.46
147.9
-22.90
-58.9
27.000
-9.34
-154.5
-55.03
23.9
20.91
125.0
-19.22
-84.3
28.000
-7.89
-160.6
-52.05
-11.6
20.49
102.3
-17.12
-102.6
29.000
-6.63
-171.3
-60.41
-22.1
20.06
78.5
-16.20
-114.2
30.000
-5.86
179.9
-56.56
23.2
19.50
55.4
-14.73
-123.1
31.000
-4.83
172.0
-52.73
-13.7
19.03
31.5
-13.72
-137.5
32.000
-3.95
161.7
-54.11
-40.7
18.31
6.9
-13.60
-147.0
33.000
-3.18
151.2
-54.59
-51.2
17.51
-17.5
-13.61
-155.8
34.000
-2.61
140.2
-55.15
-37.9
16.54
-42.3
-14.22
-161.4
35.000
-2.15
129.3
-51.68
-92.2
15.35
-66.8
-14.94
-161.8
36.000
-1.77
117.9
-57.64
-111.2
13.94
-91.0
-15.31
-154.5
37.000
-1.65
106.7
-60.87
-68.5
12.41
-114.4 -13.87
-143.9
38.000
-1.64
95.9
-53.10
-33.4
10.67
-137.5 -11.60
-140.4
39.000
-1.65
85.9
-47.45
-99.7
8.76
-159.6
-9.18
-143.5
40.000
-1.76
75.2
-46.80
-137.0
6.70
178.9
-7.06
-151.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com