Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDT400-R Datasheet(PDF) 1 Page - Solid State Optronic

Part # SDT400-R
Description  Photo-Transistor Optocoupler
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SDT400-R Datasheet(HTML) 1 Page - Solid State Optronic

  SDT400-R Datasheet HTML 1Page - Solid State Optronic SDT400-R Datasheet HTML 2Page - Solid State Optronic SDT400-R Datasheet HTML 3Page - Solid State Optronic SDT400-R Datasheet HTML 4Page - Solid State Optronic SDT400-R Datasheet HTML 5Page - Solid State Optronic SDT400-R Datasheet HTML 6Page - Solid State Optronic SDT400-R Datasheet HTML 7Page - Solid State Optronic SDT400-R Datasheet HTML 8Page - Solid State Optronic SDT400-R Datasheet HTML 9Page - Solid State Optronic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© 2013 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
SDT400-R/H/S/TR
Rev 2.01 (07/29/2013)
001612
Page 1 of 10
SDT400-R
DC Input
80V
Photo-Transistor Optocoupler
Description
The SDT400-R consists of a phototransistor optically
coupled to a light emitting diode. Optical coupling between
the input IR LED and output phototransistor allows for high
isolation levels while maintaining low-level DC signal
control capability.
The SDT400-R provides an optically
isolated method of controlling many interface applications
such as telecommunications, industrial control and
instrumentation circuitry.
The SDT400-R comes standard in a miniature 4 pin DIP
package.
Schematic Diagram
Agency Approvals
UL/C-UL:
File # E201932
VDE:
File # 40035191 (EN 60747-5-2)
Applications
Registers, Copiers, Automatic Vending Machines
System Appliances, Measuring Instruments
Computer Terminals, PLCs
Telecommunication Equipment, Telephones
Home Appliances
Digital Logic Inputs
Microprocessor Inputs
Switching Power Supplies
Absolute Maximum Ratings
The values indicated are absolute stress ratings. Functional
operation of the device is not implied at these or any
conditions in excess of those defined in electrical
characteristics section of this document. Exposure to
absolute Maximum Ratings may cause permanent damage
to the device and may adversely affect reliability.
Storage Temperature …………………………..-55 to +125°C
Operating Temperature
………………………-40 to +85°C
Continuous Input Current………………………………..50mA
Transient Input Current ………………….……………..500mA
Reverse Input Control Voltage …………..…………………6V
Input Power Dissipation…………………………………70mW
Total Power Dissipation ……………………………..200mW
Solder Temperature – Wave (10sec)……………….….260°C
Solder Temperature – IR Reflow (10sec)….…………..260°C
Ordering Information / Lead Form / Packaging
Part Number
Description
SDT400-R
4 pin DIP, (100/Tube)
SDT400-RH
0.40” (10.16mm) Lead Spacing (VDE0884)
SDT400-RS
4 pin SMD, (100/Tube)
SDT400-RSTR
4 pin SMD, Tape and Reel (2000/Reel)
Features
VCEO = 80V
Reversed Output (Emitter-Pin4, Collector-Pin3)
Low input power consumption
CTR Range 50 – 600% (Binning Available)
High Isolation Voltage (5000VRMS)
Long Life / High Reliability
RoHS / Pb-Free / REACH Compliant
NOTE: For complete product ordering / naming conventions,
reference page 10. Suffixes listed above are not included in
marking on device for part number identification


Similar Part No. - SDT400-R

ManufacturerPart #DatasheetDescription
logo
Solid State Inc
SDT400-R SOLIDSTATE-SDT400-R Datasheet
628Kb / 10P
VCEO = 80V
More results

Similar Description - SDT400-R

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
4N39 SIEMENS-4N39 Datasheet
21Kb / 1P
PHOTO SCR OPTOCOUPLER
IL400 SIEMENS-IL400 Datasheet
21Kb / 1P
PHOTO SCR OPTOCOUPLER
logo
Microsemi Corporation
MXP1152 MICROSEMI-MXP1152 Datasheet
30Kb / 1P
NPN Photo Transistor Hybrid Optocoupler
logo
Solid State Optronic
SDD400 SSOUSA-SDD400 Datasheet
731Kb / 6P
DC Input Photo-Darlington Optocoupler
SDD450 SSOUSA-SDD450 Datasheet
693Kb / 6P
DC Input Photo-Darlington Optocoupler
logo
Marktech Corporate
PT086N4 MARKTECH-PT086N4 Datasheet
254Kb / 1P
Photo Transistor
logo
Central Semiconductor C...
H11C4M CENTRAL-H11C4M Datasheet
213Kb / 2P
PHOTO SCR OPTOCOUPLER
logo
Solid State Optronic
SDT460 SSOUSA-SDT460 Datasheet
456Kb / 8P
Wide Body Photo-Transistor Optocoupler
SDT1670 SSOUSA-SDT1670 Datasheet
402Kb / 8P
Quad Photo-Transistor Optocoupler
logo
Skyworks Solutions Inc.
OLI149 SKYWORKS-OLI149 Datasheet
345Kb / 6P
Radiation Tolerant, Photo-Transistor Optocoupler
June 26, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com