Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2073G-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # M2073G-S08-R
Description  DUAL LOW VOLTAGE POWER AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M2073G-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  M2073G-S08-R Datasheet HTML 1Page - Unisonic Technologies M2073G-S08-R Datasheet HTML 2Page - Unisonic Technologies M2073G-S08-R Datasheet HTML 3Page - Unisonic Technologies M2073G-S08-R Datasheet HTML 4Page - Unisonic Technologies M2073G-S08-R Datasheet HTML 5Page - Unisonic Technologies M2073G-S08-R Datasheet HTML 6Page - Unisonic Technologies M2073G-S08-R Datasheet HTML 7Page - Unisonic Technologies M2073G-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
M2073
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R107-060.C
ELECTRICAL CHARACTERISTICS(Cont.)
Stereo Configuration (Page 7 )
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Operating Voltage
VCC
1.8
15
V
Output Voltage
VOUT
2.7
V
Operating Current
ICC
RL=∞
6
9
mA
Input Bias Current
II(BIAS)
100
nA
VCC =6V,RL=4Ω ( Note )
0.5
0.65
W
VCC =4.5V,RL=4Ω
0.32
W
VCC =3V,RL=4Ω
120
mW
VCC =2V,RL=4Ω
DIP-8
30
mW
VCC =6V,RL=16Ω
240
mW
VCC =5V,RL=8Ω ( Note )
270
mW
VCC =4V, RL=4Ω ( Note )
180
250
mW
VCC =3V, RL=4Ω
120
mW
THD=10%
f=1kHz
VCC =2V, RL=4Ω
SOP-8
30
mW
VCC =6V,RL=4Ω
500
mW
VCC =4.5V,RL=4Ω
DIP-8
250
mW
Output Power
(Each Channel)
POUT
THD=1%
f=1kHz
VCC =4V,RL=4Ω
SOP-8
180
mW
POUT=0.4W, RL=4Ω, f=1kHz
DIP-8
0.25
%
Total Harmonic Distortion
THD
VCC =4V, RL=4Ω, POUT=150mW, f=1kHz
SOP-8
0.25
%
Voltage Gain
GV
f=1kHz
41
44
47
dB
Channel Balance
∆ GV
±1
dB
Input Impedance
ZIN
f=1kHz
100
kΩ
VNI1
RS=10kΩ, A Curve
2.5
µV
Equivalent Input Noise
Voltage
VNI2
RS=10kΩ, B=22Hz~22kHz
3
µV
Ripple Rejection
RR
f=100Hz, CX=100µF
24
30
dB
GV =-3dB from f=1kHz, RL=8Ω, POUT
=250mW
DIP-8
200
kHz
Cutoff Frequency
fH
GV=-3dB from f=1kHz, RL=16Ω,
POUT=125mW
SOP-8
200
kHz
Note: At on PC Board



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com