Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2073G-S08-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # M2073G-S08-R
Description  DUAL LOW VOLTAGE POWER AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M2073G-S08-R Datasheet(HTML) 7 Page - Unisonic Technologies

  M2073G-S08-R Datasheet HTML 1Page - Unisonic Technologies M2073G-S08-R Datasheet HTML 2Page - Unisonic Technologies M2073G-S08-R Datasheet HTML 3Page - Unisonic Technologies M2073G-S08-R Datasheet HTML 4Page - Unisonic Technologies M2073G-S08-R Datasheet HTML 5Page - Unisonic Technologies M2073G-S08-R Datasheet HTML 6Page - Unisonic Technologies M2073G-S08-R Datasheet HTML 7Page - Unisonic Technologies M2073G-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
M2073
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R107-060.C
TYPICAL CHARACTERISTICS
05
4
8
14
Maximum Output Voltage (BTL)
Operating Voltage, VCC (V)
22
30
15
2
6
18
26
32Ω
RL=∞
16Ω
8Ω
4Ω
4
3
2
110
9
8
7
611 12 13 14
10
12
16
20
24
28
05
2
4
7
Maximum Output Voltage (Stereo)
Operating Voltage, VCC (V)
11
15
15
1
3
9
13
32Ω
RL=∞
16Ω
8Ω
4Ω
4
3
2
110
9
8
7
611 12 13 14
5
6
8
10
12
14
Ta=25°С
Ta=25°С
00.6
1.4
0.1
0.3
0.4
Power Dissipation vs. Output Power (BTL)
Output Power, PO (W)
0.7
1.0
2.2
0
0.2
0.6
0.8
RL=4Ω,
f=1kHz,
Ta=25°С
0.2 0.4
0.8 1.01.2
1.6 1.8 2.0
0.5
0.9
THD=10%
THD=1%
VCC=3V
00.6
1.4
0.1
0.3
0.4
Power Dissipation vs. Output Power (BTL)
Output Power, PO (W)
0.7
1.0
2.2
0
0.2
0.6
0.8
RL=8Ω,
f=1kHz,
Ta=25°С
0.2 0.4
0.8 1.01.2
1.6 1.8 2.0
0.5
0.9
THD=10%
THD=1%
VCC=3V
VCC=4.5V
VCC=4.5V
1.1
VCC=6V
1.1
-50
0
1
3
Ambient Temperature, Ta (°С)
6
9
125
0
2
5
7
-25
25
50
75
100
4
8
VCC=6V
Operating Current vs. Temperature
-50
0
41
43
Ambient Temperature, Ta (°С)
46
49
125
40
42
45
47
-25
25
50
75
100
44
48
VCC=6V
Voltage Gain vs. Temperature



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com