Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2073G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # M2073G-S08-R
Description  DUAL LOW VOLTAGE POWER AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M2073G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  M2073G-S08-R Datasheet HTML 1Page - Unisonic Technologies M2073G-S08-R Datasheet HTML 2Page - Unisonic Technologies M2073G-S08-R Datasheet HTML 3Page - Unisonic Technologies M2073G-S08-R Datasheet HTML 4Page - Unisonic Technologies M2073G-S08-R Datasheet HTML 5Page - Unisonic Technologies M2073G-S08-R Datasheet HTML 6Page - Unisonic Technologies M2073G-S08-R Datasheet HTML 7Page - Unisonic Technologies M2073G-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
M2073
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 8
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R107-060.C
DUAL LOW VOLTAGE POWER
AMPLIFIER
DESCRIPTION
As a dual low voltage power amplifier, the UTC M2073 has the
internal circuits, such as parasitic oscillation preventing circuit and
muting circuit.
Considering the fixed gain of UTC M2073, there’s an additional
voltage reducing application for the UTC M2073.
The normal application of M2073 is being used as a dual audio
power amplifier in lots of portable equipments.
FEATURES
* Operating Voltage ( VCC=1.8V~15V )
* Low Crossover Distortion
* Low Operating Current
* Bridge or Stereo Configuration
* No Turn-on Noise
* Bipolar Technology
DIP-8
SOP-8
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
M2073L-D08-T
M2073G-D08-T
DIP-8
Tube
-
M2073G-S08-R
SOP-8
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source
MARKING
DIP-8
SOP-8
UTC
M2073
2
3
4
1
5
6
7
8
Date Code
L: Lead Free
G: Halogen Free
Lot Code


Similar Part No. - M2073G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M2073G-S08-R UTC-M2073G-S08-R Datasheet
248Kb / 9P
DUAL LOW VOLTAGE POWER AMPLIFIER
More results

Similar Description - M2073G-S08-R

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2076 NJRC-NJM2076 Datasheet
250Kb / 8P
DUAL LOW VOLTAGE POWER AMPLIFIER?
logo
Anpec Electronics Corop...
APA2822 ANPEC-APA2822 Datasheet
91Kb / 9P
Dual Low-Voltage Power Amplifier
logo
Unisonic Technologies
TDA2822H UTC-TDA2822H Datasheet
82Kb / 3P
DUAL LOW VOLTAGE POWER AMPLIFIER
logo
First Components Intern...
TDA2822M FCI-TDA2822M Datasheet
409Kb / 9P
DUAL LOW-VOLTAGE POWER AMPLIFIER
logo
Tiger Electronic Co.,Lt...
NJM2076 TGS-NJM2076 Datasheet
252Kb / 6P
DUAL LOW VOLTAGE POWER AMPLIFIER
logo
Unisonic Technologies
M2073 UTC-M2073 Datasheet
248Kb / 9P
DUAL LOW VOLTAGE POWER AMPLIFIER
logo
New Japan Radio
NJM2073M-TE2 NJRC-NJM2073M-TE2 Datasheet
283Kb / 11P
DUAL LOW VOLTAGE POWER AMPLIFIER
logo
Unisonic Technologies
TDA2822 UTC-TDA2822_15 Datasheet
145Kb / 6P
DUAL LOW VOLTAGE POWER AMPLIFIER
TDA2822H UTC-TDA2822H_15 Datasheet
174Kb / 5P
DUAL LOW VOLTAGE POWER AMPLIFIER
logo
Hangzhou Youwang Electr...
UTC2822H YOUWANG-UTC2822H Datasheet
93Kb / 5P
DUAL LOW VOLTAGE POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com