Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34074L-S14-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # MC34074L-S14-R
Description  HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC34074L-S14-R Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button MC34074L-S14-R Datasheet HTML 2Page - Unisonic Technologies MC34074L-S14-R Datasheet HTML 3Page - Unisonic Technologies MC34074L-S14-R Datasheet HTML 4Page - Unisonic Technologies MC34074L-S14-R Datasheet HTML 5Page - Unisonic Technologies MC34074L-S14-R Datasheet HTML 6Page - Unisonic Technologies MC34074L-S14-R Datasheet HTML 7Page - Unisonic Technologies MC34074L-S14-R Datasheet HTML 8Page - Unisonic Technologies MC34074L-S14-R Datasheet HTML 9Page - Unisonic Technologies MC34074L-S14-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MC34074
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 10
www.unisonic.com.tw
QW-R105-018.C
TYPICAL CHARACTERISTICS(Cont.)
10
100
Frequency, f (Hz)
10k
100k
Total Harmonic Distortion versus Frequency
1.0
012
Output Voltage Swing,VO (VPP)
20
Total Harmonic Distortion versus Output Voltage
Swing
0
3.0
4.0
0.4
0.3
0.1
0.2
16
8.0
4.0
2.0
VCC = +15V
VEE = -15V
VO = 2.0VPP
RL = 2.0k
TA = 25℃
AV = 1000
AV = 100
AV = 10
1.0k
VCC = +15V
VEE = -15V
RL = 2.0k
TA = 25℃
AV = 1.0
AV = 1.0
AV = 10
AV = 100
AV = 1000



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com