Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34074L-S14-R Datasheet(PDF) 9 Page - Unisonic Technologies

Part # MC34074L-S14-R
Description  HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC34074L-S14-R Datasheet(HTML) 9 Page - Unisonic Technologies

Back Button MC34074L-S14-R Datasheet HTML 2Page - Unisonic Technologies MC34074L-S14-R Datasheet HTML 3Page - Unisonic Technologies MC34074L-S14-R Datasheet HTML 4Page - Unisonic Technologies MC34074L-S14-R Datasheet HTML 5Page - Unisonic Technologies MC34074L-S14-R Datasheet HTML 6Page - Unisonic Technologies MC34074L-S14-R Datasheet HTML 7Page - Unisonic Technologies MC34074L-S14-R Datasheet HTML 8Page - Unisonic Technologies MC34074L-S14-R Datasheet HTML 9Page - Unisonic Technologies MC34074L-S14-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MC34074
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
9 of 10
www.unisonic.com.tw
QW-R105-018.C
TYPICAL CHARACTERISTICS(Cont.)
-55
0
Ambient Temperature, TA (℃)
75
125
Normalized Slew Rate versus Temperature
0
Settling Time, tS (μs)
3.5
Output Settling Time
-10
10
1.15
0.5
-5.0
5.0
1.0
0
0.9
1.05
1.5
2.0
3.0
-25
25
50
100
VCC = +15V
VEE = -15V
AV = +1.0
RL = 2.0k
CL = 500pF
0.85
VCC = +15V
VEE = -15V
AV = -1.0
TA = 25℃
1.0mV
0.95
1.1
1.0mV
10mV
10mV
1.0mV
1.0mV
Compensated
Uncompensated
1.0
2.5
Small Signal Transient Response
Large Signal Transient Response
0
0
1.0μs/DIV
2.0μs/DIV
VCC = +15V
VEE = -15V
AV = +1.0
RL = 2.0k
CL = 300pF
TA = 25℃
VCC = +15V
VEE = -15V
AV = +1.0
RL = 2.0k
CL = 300pF
TA = 25℃
0.1
10
Frequency, f (Hz)
100k
10M
Common Mode Rejection versus Frequency
0.1
Frequency, f (Hz)
10M
Power Supply Rejection versus Frequency
0
100
100
1.0
20
80
40
60
20
60
100
1.0k
1.0M
1.0
100
1.0k
1.0M
0
80
10
100k
10k
VCC = +15V
VEE = -15V
VCM = 0V
ΔVCM = ±1.5V
TA = 125
TA = 25
TA = -55
CMR = 20Log
× ACM
ΔVCM
ΔVO
-
+
ADM
ΔVO
ΔVCM
VCC = +15V
VEE = -15V
TA = 25
(ΔVCC = +1.5V)
+PSR
-PSR
(ΔVEE = +1.5V)
40
10k
+PSR = 20Log
ΔVO/ADM
ΔVCC
-PSR = 20Log
ΔVO/ADM
ΔVEE
-
+
ADM
ΔVO
ΔVCC
ΔVEE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com