Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34074L-S14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MC34074L-S14-R
Description  HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC34074L-S14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  MC34074L-S14-R Datasheet HTML 1Page - Unisonic Technologies MC34074L-S14-R Datasheet HTML 2Page - Unisonic Technologies MC34074L-S14-R Datasheet HTML 3Page - Unisonic Technologies MC34074L-S14-R Datasheet HTML 4Page - Unisonic Technologies MC34074L-S14-R Datasheet HTML 5Page - Unisonic Technologies MC34074L-S14-R Datasheet HTML 6Page - Unisonic Technologies MC34074L-S14-R Datasheet HTML 7Page - Unisonic Technologies MC34074L-S14-R Datasheet HTML 8Page - Unisonic Technologies MC34074L-S14-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MC34074
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 10
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R105-018.C
HIGH SLEW RATE, WIDE
BANDWIDTH, SINGLE SUPPLY
OPERATIONAL AMPLIFIER
DESCRIPTION
The UTC MC34074 offer 4.5MHz of gain bandwidth product,
13V/
μs slew rate and fast setting time without the use of JFET
device technology. Although it can be operated from split supplies,
it is particularly suited for single supply operation, since the
common mode input voltage range includes ground potential (VEE).
With A Darlington input stage, it exhibits high input resistance, low
input offset voltage and high gain. The all NPN output stage,
characterized by no deadband crossover distortion and large
output voltage swing, provides high capacitance drive capability,
excellent phase and gain margins, low open loop high frequency
output impedance and symmetrical source/sink AC frequency
response.
FEATURES
* Wide bandwidth: 4.5MHz
* High slew rate: 13V/
μs
* Fast settling time:1.1
μs to 0.1%
* Wide single supply operation: 3.0V to 44V
* Wide input common mode voltage range:
* Includes Ground (VEE)
* Low input offset voltage: 3.0mV maximum
* Large output voltage swing: -14.7V to +14V
(with +-15V supplies)
* Large Capacitance Drive Capability: 0pF to 10,000pF
* Low total harmonic distortion: 0.02%
* Excellent phase margin: 60
°
* Excellent gain margin: 12dB
* Output short circuit protection
* ESD Diodes/Clamps provide input protection
DIP-14
SOP-14
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
MC34074L-D14-T
MC34074G-D14-T
DIP-14
Tube
MC34074L-S14-R
MC34074G-S14-R
SOP-14
Tape Reel


Similar Part No. - MC34074L-S14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MC34074L-S14-R UTC-MC34074L-S14-R Datasheet
520Kb / 10P
HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIER
MC34074L-S14-R UTC-MC34074L-S14-R Datasheet
518Kb / 10P
HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIER
MC34074L-S14-R UTC-MC34074L-S14-R Datasheet
478Kb / 10P
HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIER
More results

Similar Description - MC34074L-S14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCMC34072 UTC-UTCMC34072 Datasheet
86Kb / 3P
HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIERS
MC34072 UTC-MC34072_05 Datasheet
282Kb / 11P
HIGH SLEW RATE, WIDE BANDWIDTH , SINGLE SUPPLY OPERATIONAL AMPLIFIER
MC34074 UTC-MC34074 Datasheet
308Kb / 10P
HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIER
MC34072 UTC-MC34072_09 Datasheet
438Kb / 11P
HIGH SLEW RATE, WIDE BANDWIDTH , SINGLE SUPPLY OPERATIONAL AMPLIFIER
MC34074 UTC-MC34074_09 Datasheet
520Kb / 10P
HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIER
MC34074 UTC-MC34074_11 Datasheet
518Kb / 10P
HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIER
MC34072 UTC-MC34072_15 Datasheet
535Kb / 11P
HIGH SLEW RATE, WIDE BANDWIDTH , SINGLE SUPPLY OPERATIONAL AMPLIFIER
logo
Motorola, Inc
MC35071 MOTOROLA-MC35071 Datasheet
1,009Kb / 16P
High Slew Rate, Wide Bandwidth Single Supply Operational Amplifiers
logo
Unisonic Technologies
MC34072 UTC-MC34072_18 Datasheet
491Kb / 11P
HIGH SLEW RATE, WIDE BANDWIDTH , SINGLE SUPPLY OPERATIONAL AMPLIFIER
MC34074 UTC-MC34074_18 Datasheet
478Kb / 10P
HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com