Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX976 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX976
Description  Single/Dual/Quad, SOT23, Single-Supply, High-Speed, Low-Power Comparators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX976 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX976 Datasheet HTML 1Page - Maxim Integrated Products MAX976 Datasheet HTML 2Page - Maxim Integrated Products MAX976 Datasheet HTML 3Page - Maxim Integrated Products MAX976 Datasheet HTML 4Page - Maxim Integrated Products MAX976 Datasheet HTML 5Page - Maxim Integrated Products MAX976 Datasheet HTML 6Page - Maxim Integrated Products MAX976 Datasheet HTML 7Page - Maxim Integrated Products MAX976 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Single/Dual/Quad, SOT23, Single-Supply,
High-Speed, Low-Power Comparators
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +2.7V to +5.5V, VCM = 0V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Note 1: The MAX998EUT specifications are 100% tested at TA = +25°C. Limits over the extended temperature range are guaran-
teed by design, not production tested.
Note 2: Inferred from CMRR test. Either input can be driven to the absolute maximum limit without false output inversion, as long as
the other input is within the common-mode voltage range.
Note 3: VOS is defined as the mean of trip points. The trip points are the extremities of the differential input voltage required to make
the comparator output change state (Figure 1).
Note 4: The difference between the upper and lower trip points is equal to the width of the input-referred hysteresis zone (Figure 1).
Note 5: Propagation Delay is guaranteed by design. For low overdrive conditions, VTRIP (Figure 1) is added to the overdrive.
Note 6: Propagation-Delay Skew is the difference between the positive-going and the negative-going propagation delay.
Note 7: For design purposes, the tEN can be as high as 60µs.
CONDITIONS
MAX998 only, VCC = 5V, ICC = 90% of typical
(Note 7)
µs
15
tEN
Wake-Up from Shutdown
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VCC = 0V to 5V step, output valid
µs
3
tPU
Power-Up Delay
__________________________________________Typical Operating Characteristics
(VCC = +5V, VCM = 0V, TA = +25°C, unless otherwise noted.)
125
175
275
225
325
375
-60
-20
0
-40
20
40
60
80
100
SUPPLY CURRENT PER COMPARATOR
vs. TEMPERATURE
TEMPERATURE (°C)
VCC = 5.5V,
VOUT = LOW
VCC = 5.5V,
VOUT = HIGH
VCC = 2.7V,
VOUT = HIGH
VCC = 2.7V,
VOUT = LOW
10
30
20
50
40
70
60
80
100
90
110
-60
-20
0
-40
20
40
60
80
100
SHORT-CIRCUIT OUTPUT CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
VCC = 5.5V, SOURCING
VCC = 2.7V, SOURCING
VCC = 5.5V, SINKING
VCC = 2.7V, SINKING
1.6
0
0.1
1
10
100
OUTPUT LOW VOLTAGE vs.
OUTPUT SINK CURRENT
0.4
0.8
0.6
0.2
1.0
1.2
1.4
OUTPUT CURRENT (mA)
VCC = 5.5V
VCC = 2.7V
6
0
0.1
1
10
100
OUTPUT HIGH VOLTAGE vs.
OUTPUT SOURCE CURRENT
2
3
1
4
5
OUTPUT CURRENT (mA)
VCC = 5.5V
VCC = 2.7V
17
19
18
21
20
22
24
23
25
26
27
-60
-20
0
-40
20
40
60
80
100
PROPAGATION DELAY
vs. TEMPERATURE
TEMPERATURE (°C)
VCC = 5.5V
VCC = 2.7V
VOD = 50mV
CLOAD = 15pF
40
10
10
100
1000
PROPAGATION DELAY
vs. CAPACITIVE LOAD
CAPACITIVE LOAD (pF)
15
25
20
30
35
VOD = 50mV



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com