Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX976 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX976
Description  Single/Dual/Quad, SOT23, Single-Supply, High-Speed, Low-Power Comparators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX976 Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX976 Datasheet HTML 1Page - Maxim Integrated Products MAX976 Datasheet HTML 2Page - Maxim Integrated Products MAX976 Datasheet HTML 3Page - Maxim Integrated Products MAX976 Datasheet HTML 4Page - Maxim Integrated Products MAX976 Datasheet HTML 5Page - Maxim Integrated Products MAX976 Datasheet HTML 6Page - Maxim Integrated Products MAX976 Datasheet HTML 7Page - Maxim Integrated Products MAX976 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Single/Dual/Quad, SOT23, Single-Supply,
High-Speed, Low-Power Comparators
_______________________________________________________________________________________
7
2) Choose the hysteresis band required (VHB). For this
example, choose 100mV.
3) Calculate R1. R1 = R3 x (VHB / VCC). Plugging in the
values for this example,
R1 = 1.2M
Ω x (100mV / 5.0V) = 24kΩ
4) Choose the trip point for VIN rising. This is the
threshold voltage at which the comparator switches
from low to high as VIN rises above the trip point. In
this example, choose 3.0V.
5) Calculate R2 as follows:
Choose a standard value for R2 of 16k
Ω.
6) Verify the trip voltage and hysteresis as follows:
IR Receiver
The
Typical Operating Circuit shows an application using
the MAX998 as an infrared receiver. The infrared photo-
diode creates a current relative to the amount of infrared
light present. This current creates a voltage across RD.
When this voltage level crosses the voltage applied by the
voltage divider to the inverting input, the output transitions.
Window Comparator
The MAX976 is ideal for making a window detector
(undervoltage/overvoltage detector). The schematic
shown in Figure 3 uses a MAX6120 reference and com-
ponent values selected for a 2.0V undervoltage thresh-
old and a 2.5V overvoltage threshold. Choose different
thresholds by changing the values of R1, R2, and R3.
OUTA provides an active-low undervoltage indication,
and OUTB gives an active-low overvoltage indication.
ANDing the two outputs provides an active-high,
power-good signal. The design procedure is as follows:
1) Select R1. The leakage current into INB- is normally
75nA, so the current through R1 should exceed
1.0µA for the thresholds to be accurate. R1 values in
the 50k
Ω to 100kΩ range are typical.
2) Choose the overvoltage threshold (VOTH) when VIN
is rising, and calculate R2 and R3 with the following
formula:
RSUM = R2 + R3 = R1 x [VOTH / (VREF + VH) - 1]
where VH = 1/2VHYST.
3) Choose the undervoltage threshold (VUTH) when VIN
is falling, and calculate R2 with the following formula:
R2 = (R1 + RSUM) x [(VREF - VH) / VUTH] - R1
where VH = 1/2VHYST.
4) Calculate R3 with the following formula:
R3 = (RSUM) - R2
5) Verify the resistor values. The equations are as follows:
VOTH = (VREF + VH) x (R1 + R2 + R3) / R1
VUTH = (VREF - VH) x (R1 + R2 + R3) / (R1 + R2)
V
rising: V
= V
x R1 x
1
R1
V
falling
IN
THR
REF
IN
:
+
+


=
−


=
−
1
2
1
3
1
3
R
R
V
V
R x V
R
Hysteresis
V
V
THF
THR
CC
THR
THF
R2 =
1
V
V
x R1
1
R1
1
R3
R2 =
1
3.0V
1.2 x 24k
1
24k
1
1.2M
16.2k
THR
REF


−
−


−
−
=
Ω
Ω
Ω
VCC
MAX976
MAX978
MAX998
OUT
0.1
µF
R3
R1
R2
VREF
GND
VIN
VCC
Figure 2. Additional Hysteresis
3
1
3
4
R3
82.1k, 1%
VCC
VIN
R2
24.9k,
1%
R1
100k,
1%
2
6
OVERVOLTAGE
UNDERVOLTAGE
POWER GOOD
1/2
MAX976
MAX6120
1
2
VCC
8
7
5
0.1
µF
1/2
MAX976
Figure 3. Window Comparator



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com