Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX976 Datasheet (PDF) - Maxim Integrated Products

MAX976 Datasheet PDF - Maxim Integrated Products
Part # MAX976
Download  MAX976 Download
File Size   120.67 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single/Dual/Quad, SOT23, Single-Supply, High-Speed, Low-Power Comparators

MAX976 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX976 Datasheet PDF - Maxim Integrated Products

Part # MAX976
Download  MAX976 Click to download

File Size   120.67 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single/Dual/Quad, SOT23, Single-Supply, High-Speed, Low-Power Comparators

MAX976 Datasheet (HTML) - Maxim Integrated Products


MAX976 Product details

General Description
The MAX976/MAX978/MAX998 dual/quad/single, high speed, low-power comparators are optimized for +3V/+5V single-supply applications. They achieve a 20ns propagation delay while consuming only 225µA supply current per comparator. The MAX998 features a low-power shutdown mode that places the output in a high-impedance state and reduces supply current to 1nA.
The MAX976/MAX978/MAX998 inputs have a common mode voltage range that extends 200mV below ground. Their outputs are capable of rail-to-rail operation with out external pullup circuitry, making these devices ideal for interface with CMOS/TTL logic. All inputs and outputs can tolerate a continuous short-circuit fault condition to either rail. The comparators’ internal hysteresis ensures clean output switching, even with slow-moving input signals.

Features
♦ Single-Supply Operation Down to 2.7V
♦ 20ns Propagation Delay
♦ 225µA Supply Current
♦ 1nA Shutdown Supply Current
♦ Rail-to-Rail Outputs
♦ Ground-Sensing Inputs
♦ Internal Hysteresis Ensures Clean Switching
♦ Available in Space-Saving Packages
   SOT23 (MAX998)
   µMAX (MAX976)
   QSOP (MAX978)

Applications
   Battery-Powered Systems
   Threshold Detectors/Discriminators
   3V Systems
   IR Receivers
   Digital Line Receivers




Similar Part No. - MAX976

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX976 MAXIM-MAX976 Datasheet
228Kb / 11P
Single/Dual/Quad, SOT23, Single-Supply, High-Speed, Low-Power Comparators
Rev 3; 3/09
MAX9760 MAXIM-MAX9760 Datasheet
908Kb / 31P
Stereo 3W Audio Power Amplifiers with Headphone Drive and Input Mux
Rev 0; 1/03
MAX9760ETI MAXIM-MAX9760ETI Datasheet
908Kb / 31P
Stereo 3W Audio Power Amplifiers with Headphone Drive and Input Mux
Rev 0; 1/03
MAX9760EUI MAXIM-MAX9760EUI Datasheet
908Kb / 31P
Stereo 3W Audio Power Amplifiers with Headphone Drive and Input Mux
Rev 0; 1/03
MAX9765 MAXIM-MAX9765 Datasheet
1Mb / 32P
750mW Audio Amplifiers with Headphone Amp, Microphone Preamp, and Input Mux
Rev 1; 2/05
More results


Similar Description - MAX976

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM339 MOTOROLA-LM339 Datasheet
124Kb / 6P
Quad Single Supply Comparators
Rev 2
LM393 MOTOROLA-LM393 Datasheet
136Kb / 6P
SINGLE SUPPLY, LOW POWER DUAL COMPARATORS
logo
ON Semiconductor
LM339 ONSEMI-LM339 Datasheet
145Kb / 8P
Quad Single Supply Comparators
October, 1999 ??Rev. 3
logo
Maxim Integrated Produc...
MAX9030 MAXIM-MAX9030 Datasheet
344Kb / 11P
Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
2012
MAX907 MAXIM-MAX907 Datasheet
139Kb / 12P
Single/Dual/Quad High-Speed, Ultra Low-Power, Single-Supply TTL Comparators
Rev. 3; 7/94
MAX976 MAXIM-MAX976_09 Datasheet
228Kb / 11P
Single/Dual/Quad, SOT23, Single-Supply, High-Speed, Low-Power Comparators
Rev 3; 3/09
MAX9030 MAXIM-MAX9030_10 Datasheet
249Kb / 10P
Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
Rev 1; 5/10
MAX9030 MAXIM-MAX9030_12 Datasheet
238Kb / 9P
Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
Rev 2; 8/12
MAX9031AUK MAXIM-MAX9031AUK Datasheet
220Kb / 9P
Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
Rev 2; 8/12
logo
ON Semiconductor
LM339S ONSEMI-LM339S Datasheet
80Kb / 6P
Single Supply Quad Comparators
October, 2014 ??Rev. 0
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com