Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED-530LB5C Datasheet(PDF) 2 Page - HB Electronic Components

Part # LED-530LB5C
Description  Single color
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

LED-530LB5C Datasheet(HTML) 2 Page - HB Electronic Components

  LED-530LB5C Datasheet HTML 1Page - HB Electronic Components LED-530LB5C Datasheet HTML 2Page - HB Electronic Components LED-530LB5C Datasheet HTML 3Page - HB Electronic Components LED-530LB5C Datasheet HTML 4Page - HB Electronic Components LED-530LB5C Datasheet HTML 5Page - HB Electronic Components LED-530LB5C Datasheet HTML 6Page - HB Electronic Components LED-530LB5C Datasheet HTML 7Page - HB Electronic Components LED-530LB5C Datasheet HTML 8Page - HB Electronic Components LED-530LB5C Datasheet HTML 9Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Hebei I.T.(Shanghai) Co.,Ltd.
Part No./
530LB5C
www.hebeiltd.com.cn
LED SPECIFICATION
Page: 2 of 3
¾ Absolute maximum ratings/
Ta = 25
Values
Parameter
Symbol
Test Condition
Min.
Max.
Unit
Reverse Voltage
VR
IR = 30
A
5
--
V
Forward Current
IF
----
----
25
mA
Power Dissipation
Pd
----
----
90
mW
Pulse Current
Ipeak
Duty=0.1mS
1kHz
----
100
mA
Operating Temperature
Topr
----
-40
+85
Storage
Temperature
Tstr
----
-40
+100
¾ Electrical and optical characteristics/
Ta = 25
Values
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF=20mA
----
3.2
3.6
V
Reverse Current
IR
VR=5V
----
----
30
A
Dominate Wavelength
d
IF=20mA
----
455
----
nm
Peak Wavelength
p
IF=20mA
----
457
----
nm
Spectral Line half-width
IF=20mA
----
20
----
nm
Luminous Intensity
IV
IF=20mA
----
Viewing Angle
2
1/2
IF=20mA
----
36
----
deg.
1500
----
mcd



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com