Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED-530LB5C Datasheet(PDF) 1 Page - HB Electronic Components

Part # LED-530LB5C
Description  Single color
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

LED-530LB5C Datasheet(HTML) 1 Page - HB Electronic Components

  LED-530LB5C Datasheet HTML 1Page - HB Electronic Components LED-530LB5C Datasheet HTML 2Page - HB Electronic Components LED-530LB5C Datasheet HTML 3Page - HB Electronic Components LED-530LB5C Datasheet HTML 4Page - HB Electronic Components LED-530LB5C Datasheet HTML 5Page - HB Electronic Components LED-530LB5C Datasheet HTML 6Page - HB Electronic Components LED-530LB5C Datasheet HTML 7Page - HB Electronic Components LED-530LB5C Datasheet HTML 8Page - HB Electronic Components LED-530LB5C Datasheet HTML 9Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Hebei I.T.(Shanghai) Co.,Ltd.
Part No./
530LB5C
LED SPECIFICATION
www.hebeiltd.com.cn
Pa
¾ Features/
z Single color/
z High bright output/
z Low power consumption/
z High reliability and long life/
¾ Descriptions/
z Dice material/
InGaN
z Emitting Color/
Super Bright Blue/
z Device Outline/
5mm Round Type/ 5mm
z Lens Type
Water Clear/
1. All dimensions are millimeters/
mm.
2. Tolerance is +/-0.25mm unless otherwise noted/
0.25mm.
¾ Directivity/
Ta=25° C
IF=20mA
0
90°
0.5
1.0
0°
Radiation Angle
60°
30°
0.5
0°
DIRECTIVITY
30°
1.0
90°
60°
ge: 1 of 3


Similar Part No. - LED-530LB5C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED-50W ETC2-LED-50W_17 Datasheet
788Kb / 3P
Switch Mode LED Drivers
logo
Multicomp Pro
LED-5KX3 MULTICOMP-LED-5KX3 Datasheet
213Kb / 1P
LED Holder Ø5 3pin Quadrate
03/01/20 V1.0
logo
List of Unclassifed Man...
LED-5SX3 ETC1-LED-5SX3 Datasheet
117Kb / 2P
LED Series - 3 Pin Round 5mm Diameter
logo
Multicomp Pro
LED-5SX3 MULTICOMP-LED-5SX3 Datasheet
213Kb / 1P
LED Holder Ø5 3pin Quadrate
03/01/20 V1.0
logo
List of Unclassifed Man...
LED-5X3 ETC1-LED-5X3 Datasheet
117Kb / 2P
LED Series - 3 Pin Round 5mm Diameter
More results

Similar Description - LED-530LB5C

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
05W580EW6C HB-05W580EW6C Datasheet
1Mb / 8P
Single color
105XR2D HB-105XR2D Datasheet
207Kb / 3P
Single color
515XWO4C HB-515XWO4C Datasheet
516Kb / 3P
Single color
530PWC HB-530PWC Datasheet
1Mb / 11P
Single color
530XR2C HB-530XR2C Datasheet
67Kb / 3P
Single color
825MR2C HB-825MR2C Datasheet
386Kb / 6P
Single color
825MY8C HB-825MY8C Datasheet
357Kb / 6P
Single color
3751MR2D-SB HB-3751MR2D-SB Datasheet
130Kb / 6P
Single color
3751PG2D-SB HB-3751PG2D-SB Datasheet
133Kb / 6P
Single color
7511PG2D-SB HB-7511PG2D-SB Datasheet
133Kb / 6P
Single color
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com