Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED-530LB5C Datasheet(PDF) 3 Page - HB Electronic Components

Part # LED-530LB5C
Description  Single color
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

LED-530LB5C Datasheet(HTML) 3 Page - HB Electronic Components

  LED-530LB5C Datasheet HTML 1Page - HB Electronic Components LED-530LB5C Datasheet HTML 2Page - HB Electronic Components LED-530LB5C Datasheet HTML 3Page - HB Electronic Components LED-530LB5C Datasheet HTML 4Page - HB Electronic Components LED-530LB5C Datasheet HTML 5Page - HB Electronic Components LED-530LB5C Datasheet HTML 6Page - HB Electronic Components LED-530LB5C Datasheet HTML 7Page - HB Electronic Components LED-530LB5C Datasheet HTML 8Page - HB Electronic Components LED-530LB5C Datasheet HTML 9Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Hebei I.T.(Shanghai) Co.,Ltd.
Part No./
530LB5C
LED SPECIFICATION
www.hebeiltd.com.cn
Pa
Typical electrical/optical characteristic curves/
¾
g.5
Vs.
700
650
400
100
Wavelength
(nm)
0
ge: 3 of 3
Fi
75
50
25
550
600
500
450
2.0
2.5
Am
-40
-20
bient Temp
e TA (
020
0
90
60
eratur
40
)
80
0.5
1.0
1.5
Fig.3
Vs.
Fig.4
Vs.
Vs.
50
40
1.5
20
10
0
4.0
3.2
50
rward Volta
IF-Forward Current (mA)
100
80
60
mperature
Fig.2
Vs.
Fig.1
2.0
0
2.8
2.4
2.0
1.0
2.5
40
20
30
50
0.5
30
0
10
3.6
ge(V)
Fo
40
20
40
20
0
nt Te
10
0
Ambie
TA ( )
30



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com